Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR255M-400 Datasheet(PDF) 2 Page - Rohm

Part # RR255M-400
Description  Rectifier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RR255M-400 Datasheet(HTML) 2 Page - Rohm

  RR255M-400 Datasheet HTML 1Page - Rohm RR255M-400 Datasheet HTML 2Page - Rohm RR255M-400 Datasheet HTML 3Page - Rohm RR255M-400 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RR255M-400
Diodes
Rev.B
2/3
Electrical characteristic curves
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
trr DISPERSION MAP
8.3ms
Ifsm
1cyc
0.1
1
10
100
1000
0
100
200 300
400 500 600
700 800
900 1000
Ta=-25℃
Ta=150℃
Ta=75℃
Ta=25℃
Ta=125℃
0.1
1
10
100
1000
10000
0
100
200
300
400
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-
2℃
Ta=150℃
1
10
100
0
5
10
15
20
25
30
f=1MHz
0
10
20
30
40
50
60
70
80
90
100
AVE:41.7pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
50
100
150
200
250
300
350
400
450
500
Ta=25℃
VR=400V
n=30pcs
AVE:25.5nA
870
880
890
900
910
920
AVE:892.5mV
Ta=25℃
IF=0.7A
n=30pcs
0
50
100
150
200
250
300
350
AVE:192.0A
50%
Ifsm
500us
650
660
670
680
690
700
710
720
730
740
750
AVE:695.9ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
0.5
1
1.5
00.5
11.5
Sin(θ=180)
D=1/2
DC
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1
IM=10mA
IF=0.35
300
tim
Mounted on epoxy board
0
0.5
1
1.5
2
0
25
50
75
100
125
150
0
0
Sin(θ=180)
D=1/2
DC
T
Tj=150℃
D=t/T
t
VR
Io
VR=200V
0A
0V
0
0.5
1
1.5
2
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
T
Tj=150℃
D=t/
t
VR
Io
VR=200
0A
0V


Similar Part No. - RR255M-400

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
RR25A12601 PRODUCTWELL-RR25A12601 Datasheet
123Kb / 1P
   ROSITION ROUTE SWITCHES
RR25P12601 PRODUCTWELL-RR25P12601 Datasheet
129Kb / 1P
   ROSITION ROUTE SWITCHES
More results

Similar Description - RR255M-400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com