Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHS3120U Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OHS3120U
Description  Hallogic Hall-effect Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OHS3120U Datasheet(HTML) 1 Page - OPTEK Technologies

  OHS3120U Datasheet HTML 1Page - OPTEK Technologies OHS3120U Datasheet HTML 2Page - OPTEK Technologies OHS3120U Datasheet HTML 3Page - OPTEK Technologies OHS3120U Datasheet HTML 4Page - OPTEK Technologies OHS3120U Datasheet HTML 5Page - OPTEK Technologies OHS3120U Datasheet HTML 6Page - OPTEK Technologies OHS3120U Datasheet HTML 7Page - OPTEK Technologies OHS3120U Datasheet HTML 8Page - OPTEK Technologies OHS3120U Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Hallogic Hall-effect Sensors
OH090U, OH180U, OH360U
OHN3000 Series, OHS3000 Series
OHN3100 Series, OHS3100 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
06/05
Page 1 of 9
Features:
• Designed for non-contact switching operations
• Operates over broad range of supply voltages (4.5 V to 24 V)
• Operates with excellent temperature stability in harsh
environments
• Drive capability up to 7 TTL loads
Description:
These Hall-effect devices contain a monolithic integrated circuit which incorporates a Hall element, a linear
amplifier, a threshold amplifier, and Schmitt trigger on a single Hallogic® silicon chip. Included on-chip is a band
gap voltage regulator to allow operation with a wide range of supply voltages. The devices feature logic level
output and provide up to 21 mA of sink current. This allows direct driving of more than 7 TTL loads or any
standard logic family using power supplies ranging from 4.5 to 24 volts. Output amplitude is constant at switching
frequencies from DC to over 200 kHz.
The Uni-Polar turns on with a (logic level “O”) with after a sufficient magnetic field from the south pole of a magnet
approached the symbolized face of the device (Operating Point) and turns off (logic level “1”) after the magnetic
field reached a minimum value. The Bi-Polar latch device turns on (logic level “0”) in the presence of a magnetic
south pole and turn off (logic level “1”) when subjected to a magnetic north pole. Both magnetic poles are
necessary for operation for Bi-Polar devices. This feature makes these sensors ideal for applications in non-
contact switching operations, brushless DC motors and for use with multiple pole magnets.
Product Photo Here
Pin #
Transistor
1
VCC
2
Ground
3
Output
Applications:
Non-Contact Reflective Object
Sensor
Assembly Line Automation
Machine Automation
Machine Safety
End of Travel Sensor
Door Sensor
Hall
Element
Voltage
Regulator
2
3
1Vcc
Output
Ground
RoHS
Ordering Information
OH090U, OH180U, OH360U
OH3013U, OH3113U
OHN3019U, OHS3019U, OHN3119U, OHS3119U
OHN3020U, OHS3020U, OHN3120U, OHS3120U
OHN3030U, 0HS3030U, OHN3130U, OHS3130U
OHN3131U, OHS3131U
OHN3040U, OHS3040U, OHN3140U, OHS3140U
Unipolar
OH3075U, OHS3075U, OHN3175U, OHS3175U
OHN3177U, OHS3177U
Bi-Polar
Latch


Similar Part No. - OHS3120U

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHS3120U OPTEK-OHS3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
TT Electronics.
OHS3120U TTELEC-OHS3120U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
More results

Similar Description - OHS3120U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTREX CORPORATION
OHN3040U OPTREX-OHN3040U Datasheet
287Kb / 2P
   Hallogic Hall Effect Sensors
logo
List of Unclassifed Man...
OHN3013U ETC1-OHN3013U Datasheet
248Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OHN3130U OPTEK-OHN3130U Datasheet
319Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
List of Unclassifed Man...
OHN3030U ETC-OHN3030U Datasheet
281Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH180U OPTEK-OH180U Datasheet
301Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3020U OPTEK-OHN3020U Datasheet
305Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3120U OPTEK-OHN3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com