Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8721L Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8721L
Description  Internet Audio DAC with Integrated Headphone Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721L Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8721L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8721L Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
8
MASTER CLOCK TIMING
MCLK
t
XTIL
t
XTIH
t
XTIY
Figure 1 System Clock Timing Requirements
Test Conditions
AVDD, HPVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 256fs
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
tXTIH
18
ns
MCLK System clock pulse width low
tXTIL
18
ns
MCLK System clock cycle time
tXTIY
54
ns
MCLK Duty cycle
40:60
60:40
DIGITAL AUDIO INTERFACE – MASTER MODE
BCLK
(Output)
DACLRC
(Output)
DACDAT
t
DST
t
DHT
t
DL
Figure 2 Digital Audio Data Timing - Master Mode
Test Conditions
AVDD, HPVDD, DVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DACLRC propagation delay
from BCLK falling edge
tDL
0
10
ns
DACDAT setup time to
BCLK rising edge
tDST
10
ns
DACDAT hold time from
BCLK rising edge
tDHT
10
ns


Similar Part No. - WM8721L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8721L WOLFSON-WM8721L Datasheet
128Kb / 2P
   portable digital audio solutions
WM8721LEDS WOLFSON-WM8721LEDS Datasheet
128Kb / 2P
   portable digital audio solutions
More results

Similar Description - WM8721L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
   Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
   Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
   Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com