Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3215TB Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPC3215TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3215TB Datasheet(HTML) 9 Page - California Eastern Labs

Back Button UPC3215TB Datasheet HTML 5Page - California Eastern Labs UPC3215TB Datasheet HTML 6Page - California Eastern Labs UPC3215TB Datasheet HTML 7Page - California Eastern Labs UPC3215TB Datasheet HTML 8Page - California Eastern Labs UPC3215TB Datasheet HTML 9Page - California Eastern Labs UPC3215TB Datasheet HTML 10Page - California Eastern Labs UPC3215TB Datasheet HTML 11Page - California Eastern Labs UPC3215TB Datasheet HTML 12Page - California Eastern Labs UPC3215TB Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
0.1
1.1
2.1
5.1
25
23
21
19
17
15
TA =
+85˚C
TA =
+25˚C
VCC = 5.0 V
TA =
− 40˚C
3.1
4.1
0.1
1.1
2.1
5.1
10
0
− 10
− 20
− 30
VCC = 5.0 V
3.1
4.1
TA =
+25 to +85˚C
TA =
− 40˚C
0
− 20
− 40
− 60
− 80
− 100
TA =
− 40 to +85˚C
0.1
1.1
2.1
5.1
3.1
4.1
VCC = 5.0 V
10
0
− 10
− 20
− 30
VCC = 5.0 V
0.1
1.1
2.1
5.1
3.1
4.1
TA =
+85˚C
TA =
− 40˚C
TA =
+25˚C
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
ISOLATION vs. FREQUENCY
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10490EJ01V0DS
9
UPC3224TB


Similar Part No. - UPC3215TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
UPC3215TB RENESAS-UPC3215TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC3215TB-E3 NEC-UPC3215TB-E3 Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB-E3 NEC-UPC3215TB-E3 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC3215TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com