Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR5104FS Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MAR5104FS
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAR5104FS Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MAR5104FS Datasheet HTML 4Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 5Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 6Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 7Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 8Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 9Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 10Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 11Page - Zarlink Semiconductor Inc MAR5104FS Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MA5104
7
OUTLINES AND PIN ASSIGNMENTS
Figure 13: 18-Lead Ceramic DIL (Solder Seal) - Package Style C
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
23.11
-
-
0.910
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
8.13 Typ.
-
-
0.300 Typ.
-
H
4.44
-
5.38
0.175
-
0.212
Me
-
-
8.28
-
-
0.326
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG406
D
W
A
e
b
Z
H
A 1
15
°
M
E
C
e 1
Seating Plane
1
9
18
10
18 Vdd
17 A6
16 A7
15 A8
14 A9
13 A10
12 A11
11 Din
10 CS
1
A0
2
A1
3
A2
4
A3
5
A4
6
A5
7
Dout
8
WE
9
Vss
Top
View


Similar Part No. - MAR5104FS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
   Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR5104FS

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com