Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251D
Description  CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251D Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD251D Datasheet HTML 1Page - Texas Instruments SN65HVD251D Datasheet HTML 2Page - Texas Instruments SN65HVD251D Datasheet HTML 3Page - Texas Instruments SN65HVD251D Datasheet HTML 4Page - Texas Instruments SN65HVD251D Datasheet HTML 5Page - Texas Instruments SN65HVD251D Datasheet HTML 6Page - Texas Instruments SN65HVD251D Datasheet HTML 7Page - Texas Instruments SN65HVD251D Datasheet HTML 8Page - Texas Instruments SN65HVD251D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
VREF-PIN CHARACTERISTICS
DEVICE SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
VO(CANH) + VO(CANL)
2
D
+
_
Rs
II
IO(CANH)
IO(CANL)
VO(CANL)
VO(CANH)
60 W + 1%
VOD
VOC
VI
IIRs
VI(Rs)
SN65HVD251
SLLS545C – NOVEMBER 2002 – REVISED SEPTEMBER 2005
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
35
50
tpHL
Propagation delay time, high-to-low-level output
35
50
tsk(p)
Pulse skew (|tpHL - tpLH|)
Figure 6
20
ns
tr
Output signal rise time
2
4
tf
Output signal fall time
2
4
tp(sb)
Propagation delay time in standby
Figure 12, Rs at VCC
500
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-5 µA < IO < 5 µA
0.45 VCC
0.55 VCC
VO
Reference output voltage
V
-50 µA < IO < 50 µA
0.4 VCC
0.6 VCC
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Figure 10, Rs at 0 V
60
100
Total loop delay, driver input to receiver
tloop1
Figure 10, Rs with 10 k
Ω to ground
100
150
ns
output, recessive to dominant
Figure 10, Rs with 100 k
Ω to ground
440
800
Figure 10, Rs at 0 V
115
150
Total loop delay, driver input to receiver
tloop2
Figure 10, Rs with 10 k
Ω to ground
235
290
ns
output, dominant to recessive
Figure 10, Rs with 100 k
Ω to ground
1070
1450
tloop2
Total loop delay, driver input to receiver
Figure 10, Rs at 0 V, VCC from 4.5 V to 5.1
105
145
ns
output, dominant to recessive
V,
Figure 1. Driver Voltage, Current, and Test Definition
5


Similar Part No. - SN65HVD251D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251D TI-SN65HVD251D Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI1-SN65HVD251D Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
SN65HVD251DG4 TI-SN65HVD251DG4 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DG4 TI1-SN65HVD251DG4 Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
More results

Similar Description - SN65HVD251D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com