Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761664 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN761664
Description  DTV TUNER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761664 Datasheet(HTML) 2 Page - Texas Instruments

  SN761664 Datasheet HTML 1Page - Texas Instruments SN761664 Datasheet HTML 2Page - Texas Instruments SN761664 Datasheet HTML 3Page - Texas Instruments SN761664 Datasheet HTML 4Page - Texas Instruments SN761664 Datasheet HTML 5Page - Texas Instruments SN761664 Datasheet HTML 6Page - Texas Instruments SN761664 Datasheet HTML 7Page - Texas Instruments SN761664 Datasheet HTML 8Page - Texas Instruments SN761664 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
B0089-01
IF
Amplifier
Operational
Amplifier
XTAL
Oscillator
128/80/64/50/
28/24Div
Phase
Detector
Charge
Pump
I CBus
2
Interface
5-Level
ADC
IFOUT1
AGCFIL1
RF AGC
VTU
CP
AGCFIL2
IFOUT2
UHFRFIN2
VLORFIN
VHIRFIN
UHFRFIN1
RFGND
XTAL1
XTAL2
XTAL OUT
SCL
SDA
AS
NPNBand-SwitchPort
VCC
VHF-L
Oscillator
VHF-H
Oscillator
UHF
Oscillator
RF
AGC
Detect
VHF-L
Mixer
VHF-H
Mixer
UHF
Mixer
Programmable
Divider
SN761664
DTV TUNER IC
SLES184 – JUNE 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
MIXOUT1, MIXOUT2, IF IN1, and IF IN2 (pins 29 – 32) withstand 1.5 kV and all other pins withstand 2 kV, according to the
Human-Body Model (1.5 k
Ω, 100 pF).
2
Submit Documentation Feedback


Similar Part No. - SN761664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI-SN761662DBT Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662DBT TI1-SN761662DBT Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761662DBTR TI1-SN761662DBTR Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
More results

Similar Description - SN761664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
logo
Zoran Corporation
CAS-220 ZORAN-CAS-220 Datasheet
95Kb / 2P
   DTV Demodulator IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com