Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M21 Datasheet(PDF) 3 Page - Rohm

Part # SP8M21
Description  4V Drive NchPch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M21 Datasheet(HTML) 3 Page - Rohm

  SP8M21 Datasheet HTML 1Page - Rohm SP8M21 Datasheet HTML 2Page - Rohm SP8M21 Datasheet HTML 3Page - Rohm SP8M21 Datasheet HTML 4Page - Rohm SP8M21 Datasheet HTML 5Page - Rohm SP8M21 Datasheet HTML 6Page - Rohm SP8M21 Datasheet HTML 7Page - Rohm SP8M21 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SP8M21
Transistors
Rev.A
3/7
P-ch
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−−10
µAVGS= −20V, VDS=0V
VDD
−25V, VGS= −5V
−45
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −45V, VGS=0V
−1.0
−−2.5
V
VDS=
−10V, ID= −1mA
33
46
ID=
−4.0A, VGS= −10V
43
60
m
m
m
ID=
−4.0A, VGS= −4.5V
47
65
ID=
−4.0A, VGS= −4.0V
6.0
−−
SVDS=
−10V, ID= −4.0A
2400
pF
VDS=
−10V
320
200
pF
VGS= 0V
23
pF
f=1MHz
23
ns
90
ns
22
ns
20.0
ns
6.5
28.0
nC
7.5
nC
ID=
−4.0A
−−
nC
RL= 6
Ω, RG= 10Ω
VDD
−25V
ID=
−2.0A
VGS=
−10V
RL= 12.5
RG= 10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
−1.2
V
IS=
−4.0A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - SP8M21

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8M21-TB VBSEMI-SP8M21-TB Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Rohm
SP8M21FRA ROHM-SP8M21FRA Datasheet
1Mb / 11P
   4V Drive NchPch MOSFET
logo
VBsemi Electronics Co.,...
SP8M21FU6TB VBSEMI-SP8M21FU6TB Datasheet
2Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SP8M21TB VBSEMI-SP8M21TB Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
More results

Similar Description - SP8M21

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
   4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
   4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
   4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com