Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7313PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313PW
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7313PW Datasheet HTML 2Page - Texas Instruments THS7313PW Datasheet HTML 3Page - Texas Instruments THS7313PW Datasheet HTML 4Page - Texas Instruments THS7313PW Datasheet HTML 5Page - Texas Instruments THS7313PW Datasheet HTML 6Page - Texas Instruments THS7313PW Datasheet HTML 7Page - Texas Instruments THS7313PW Datasheet HTML 8Page - Texas Instruments THS7313PW Datasheet HTML 9Page - Texas Instruments THS7313PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
www.ti.com
THS7313
SLOS483 – NOVEMBER 2005
ELECTRICAL CHARACTERISTICS, V
S+ = 5 V (continued)
R
L = 150 Ω to GND, Input Bias = dc, SAG pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
RL = 10 Ω to Midrail, sourcing
85
60
57
55
mA
Min
Output current
RL = 10 Ω to Midrail, sinking
85
60
57
55
mA
Min
POWER SUPPLY
Maximum operating voltage
5
5.5
5.5
5.5
V
Max
Minimum operating voltage
5
2.6
2.6
2.6
V
Min
Maximum quiescent current
Per channel VI = 200 mV
6.6
7.9
8.1
8.2
mA
Max
Minimum quiescent current
Per channel VI = 200 mV
6.6
5.3
5.1
5
mA
Min
Total quiescent current
All channels ON, VI = 200 mV (2)
18.9
mA
Power supply rejection
VS+ = 3.5 V to 3.1 V
59
38
36
36
dB
Min
(+PSRR)
DISABLE CHARACTERISTICS
Quiescent current
All 3 channels disabled (3)
0.1
µA
Max
Turn-on time delay (tON)
5
µs
Time reaches 50% of final value after I2C
control is completed
Turn-on time delay (tOFF)
2
µs
(2)
Due to sharing of internal bias circuitry, the quiescent current, with all channels operating, is less than the single individual channel
quiescent current channels added together.
(3)
Note that the I2C circuitry is still active while in disable mode. The current shown has no activity with the THS7313 I2C circuitry.
6


Similar Part No. - THS7313PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI-THS7314D Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7313PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com