Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC0820ACDBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC0820ACDBG4
Description  Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC0820ACDBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC0820ACDBG4 Datasheet HTML 5Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 6Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 7Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 8Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 9Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 10Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 11Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 12Page - Texas Instruments TLC0820ACDBG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The TLC0820AC and TLC0820AI each employ a combination of sampled-data comparator techniques and flash
techniques common to many high-speed converters. Two 4-bit flash analog-to-digital conversions are used to give
a full 8-bit output.
The recommended analog input voltage range for conversion is – 0.1 V to VCC + 0.1 V. Analog input signals that are
less than Vref– + 1/2 LSB or greater than Vref+ – 1/2 LSB convert to 00000000 or 11111111, respectively. The reference
inputs are fully differential with common-mode limits defined by the supply rails. The reference input values define
the full-scale range of the analog input. This allows the gain of the ADC to be varied for ratiometric conversion by
changing the Vref+ and Vref– voltages.
The device operates in two modes, read (only) and write-read, that are selected by MODE. The converter is set to
the read (only) mode when MODE is low. In the read mode, WR/RDY is used as an output and is referred to as the
ready terminal. In this mode, a low on WR/RDY while CS is low indicates that the device is busy. Conversion starts
on the falling edge of RD and is completed no more than 2.5
µs later when INT falls and WR/RDY returns to the
high-impedance state. Data outputs also change from high-impedance to active states at this time. After the data is
read, RD is taken high, INT returns high, and the data outputs return to their high-impedance states.
When MODE is high, the converter is set to the write-read mode and WR/RDY is referred to as the write terminal.
Taking CS and WR/RDY low selects the converter and initiates measurement of the input signal. Approximately
600 ns after WR/RDY returns high, the conversion is completed. Conversion starts on the rising edge of WR/RDY
in the write-read mode.
The high-order 4-bit flash ADC measures the input by means of 16 comparators operating simultaneously. A
high-precision 4-bit DAC then generates a discrete analog voltage from the result of that conversion. After a time
delay, a second bank of comparators does a low-order conversion on the analog difference between the input level
and the high-order DAC output. The results from each of these conversions enter an 8-bit latch and are output to the
3-state output buffers on the falling edge of RD.


Similar Part No. - TLC0820ACDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820ACDBG4 TI-TLC0820ACDBG4 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACDBG4 TI1-TLC0820ACDBG4 Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

Similar Description - TLC0820ACDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI1-TLC0820AC_14 Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com