Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200DRMT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200DRMT
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27200DRMT Datasheet(HTML) 5 Page - Texas Instruments

  UCC27200DRMT Datasheet HTML 1Page - Texas Instruments UCC27200DRMT Datasheet HTML 2Page - Texas Instruments UCC27200DRMT Datasheet HTML 3Page - Texas Instruments UCC27200DRMT Datasheet HTML 4Page - Texas Instruments UCC27200DRMT Datasheet HTML 5Page - Texas Instruments UCC27200DRMT Datasheet HTML 6Page - Texas Instruments UCC27200DRMT Datasheet HTML 7Page - Texas Instruments UCC27200DRMT Datasheet HTML 8Page - Texas Instruments UCC27200DRMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
UCC27200, UCC27201
SLUS746 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, V
DD = VHB = 12 V, VHS = VSS = 0 V, No load on LO or HO, TA = TJ = -40°C to
+140°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delays
TJ = -40 to 125°C
CLOAD = 0
20
45
TDLFF
VLI falling to VLO falling
TJ = -40 to 140°C
CLOAD = 0
20
50
TJ = -40 to 125°C
CLOAD = 0
20
45
TDHFF
VHI falling to VHO falling
TJ = -40 to 140°C
CLOAD = 0
20
50
ns
TJ = -40 to 125°C
CLOAD = 0
20
45
TDLRR
VLI rising to VLO rising
TJ = -40 to 140°C
CLOAD = 0
20
50
TJ = -40 to 125°C
CLOAD = 0
20
45
TDHRR
VHI rising to VHO rising
TJ = -40 to 140°C
CLOAD = 0
20
50
Delay Matching
TMON
LI ON, HI OFF
1
7
ns
TMOFF
LI OFF, HI ON
1
7
Output Rise and Fall Time
tR
LO, HO
CLOAD = 1000 pF
8
ns
tF
LO, HO
CLOAD = 1000 pF
7
tR
LO, HO (3 V to 9 V)
CLOAD = 0.1 µF
0.35
0.6
us
tF
LO, HO (3 V to 9 V)
CLOAD = 0.1 µF
0.3
0.6
Miscellaneous
Minimum input pulse width that changes the output
50
ns
Bootstrap diode turn-off time
IF = 20 mA, IREV = 0.5 A(1)(2)
20
(1)
Typical values for TA = 25°C
(2)
IF: Forward current applied to bootstrap diode, IREV: Reverse current applied to bootstrap diode.
5
Submit Documentation Feedback


Similar Part No. - UCC27200DRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200DRMT TI-UCC27200DRMT Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI1-UCC27200DRMT Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI1-UCC27200DRMT Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27200DRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com