Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24026 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24026
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24026 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24026 Datasheet HTML 1Page - Texas Instruments BQ24026 Datasheet HTML 2Page - Texas Instruments BQ24026 Datasheet HTML 3Page - Texas Instruments BQ24026 Datasheet HTML 4Page - Texas Instruments BQ24026 Datasheet HTML 5Page - Texas Instruments BQ24026 Datasheet HTML 6Page - Texas Instruments BQ24026 Datasheet HTML 7Page - Texas Instruments BQ24026 Datasheet HTML 8Page - Texas Instruments BQ24026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
(1)
I
O(OUT) +
K
(SET)
V
(SET)
R
SET
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq24020,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (from AC input), VCC
4.5
6.5
V
Supply voltage (from USB input), VCC
4.35
6.5
V
Operating junction temperature range, TJ
–40
125
°C
over 0°C
≤ T
J ≤ 125°C and recommended supply voltage, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
ICC(VCC)
VCC current
VCC > VCC(min)
1.2
2.0
mA
ICC(SLP)
Sleep current
Sum of currents into OUT pin, VCC < V(SLP)
2
5
ICC(STBY)
Standby current
CE = High
0°C
≤T
J ≤ 85°C
1
150
IIB(OUT)
Input current on OUT pin
Charge DONE
VCC > VCC(MIN)
5
µA
IIB(CE)
Input current on CE pin
1
IIB(TTE)
Input bias current on TTE pin
1
IIB(TE)
Input bias current on TE pin
1
VOLTAGE REGULATION VO(REG) + V(DO-MAX) ≤ VCC , I(TERM) < IO(OUT) ≤ 1 A
VO(REG)
Output voltage,
4.20
V
TA = 25°C
–0.35%
0.35%
Voltage regulation accuracy
–1%
1%
VO(OUT) = VO(REG)
IO(OUT) = 1A
350
500
V(DO)
AC dropout voltage (V(AC)–V(OUT))
VO(REG) + V(DO-MAX)) ≤ VCC
VO(OUT) = VO(REG)
ISET2 = High
350
500
mV
VO(REG) + V(DO-MAX)) ≤ VCC
USB dropout voltage
V(DO)
(V(USB) – V(OUT))
VO(OUT) = VO(REG)
ISET2 = Low
60
100
VO(REG) + V(DO-MAX)) ≤ VCC
CURRENT REGULATION
VI(OUT) > V(LOWV)
VCC ≥ 4.5 V
50
1000
IO(OUT)
AC output current range(1)
VI(AC)– VI(OUT) > V(DO-MAX)
VCC(MIN) ≥ 4.5 V
VI(OUT) > V(LOWV)
80
100
mA
VUSB– VI(OUT) > V(DO-MAX)
ISET2 = Low
IO(OUT)
USB output current range
VCC(MIN) ≥ 4.5 V
VI(OUT) > V(LOWV)
400
500
VUSB– VI(OUT) > V(DO-MAX)
ISET2 = High
Voltage on ISET1 pin, VCC ≥ 4.5 V, VIN ≥ 4.5 V,
2.463
2.500
2.538
V(SET)
Output current set voltage
V
VI(OUT) > V(LOWV), VIN– VI(OUT) > V(DO-MAX)
50 mA
≤ I
O(OUT) ≤ 1 A
307
322
337
K(SET)
Output current set factor
10 mA
≤ I
O(OUT) < 50 mA
296
320
346
1 mA
≤ I
O(OUT) < 10 mA
246
320
416
3
Submit Documentation Feedback


Similar Part No. - BQ24026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24026DRCR TI-BQ24026DRCR Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24026DRCRG4 TI-BQ24026DRCRG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
More results

Similar Description - BQ24026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com