Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1310 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM1310
Description  Triple-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1310 Datasheet(HTML) 3 Page - Analog Devices

  ADUM1310 Datasheet HTML 1Page - Analog Devices ADUM1310 Datasheet HTML 2Page - Analog Devices ADUM1310 Datasheet HTML 3Page - Analog Devices ADUM1310 Datasheet HTML 4Page - Analog Devices ADUM1310 Datasheet HTML 5Page - Analog Devices ADUM1310 Datasheet HTML 6Page - Analog Devices ADUM1310 Datasheet HTML 7Page - Analog Devices ADUM1310 Datasheet HTML 8Page - Analog Devices ADUM1310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuM1310/ADuM1311
Rev. F | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION1
4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all min/max specifications apply over the entire recommended operation range, unless
otherwise noted; all typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
ADuM1310, Total Supply Current,
Three Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
2.4
3.2
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
1.2
1.6
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRW Grade Only)
VDD1 Supply Current
IDD1 (10)
6.6
9.0
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
2.1
3.0
mA
5 MHz logic signal frequency
ADuM1311, Total Supply Current,
Three Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
2.2
2.8
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
1.8
2.4
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRW Grade Only)
VDD1 Supply Current
IDD1 (10)
4.5
5.7
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
3.5
4.3
mA
5 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB, IIC, ICTRL1,
ICTRL2, IDISABLE
−10
+0.01
+10
μA
0 ≤ VIA, VIB, VIC ≤ VDD1 or VDD2,
0 ≤ VCTRL1, VCTRL2 ≤ VDD1 or VDD2,
0 ≤ VDISABLE ≤ VDD1
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
VDD1, VDD2 − 0.1
5.0
V
IOx = −20 μA, VIx = VIxH
Logic High Output Voltages
VOAH, VOBH,
VOCH
VDD1, VDD2 − 0.4
4.8
V
IOx = −4 mA, VIx = VIxH
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
Logic Low Output Voltages
VOAL, VOBL, VOCL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM131xARW
Minimum Pulse Width3
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
ADuM131xBRW
Minimum Pulse Width3
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
10
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
30
50
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
5
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
30
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels7
tPSKCD
5
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels
tPSKOD
6
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADUM1310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
ADUM1310 AD-ADUM1310 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ1 AD-ADUM1310ARWZ1 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310BRWZ AD-ADUM1310BRWZ Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
More results

Similar Description - ADUM1310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com