Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24027 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24027
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24027 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24027 Datasheet HTML 1Page - Texas Instruments BQ24027 Datasheet HTML 2Page - Texas Instruments BQ24027 Datasheet HTML 3Page - Texas Instruments BQ24027 Datasheet HTML 4Page - Texas Instruments BQ24027 Datasheet HTML 5Page - Texas Instruments BQ24027 Datasheet HTML 6Page - Texas Instruments BQ24027 Datasheet HTML 7Page - Texas Instruments BQ24027 Datasheet HTML 8Page - Texas Instruments BQ24027 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
bq24020,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
over 0°C
≤ T
J ≤ 125°C and recommended supply voltage, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY RECHARGE THRESHOLD
VO(REG) VO(REG)
VO(REG)
VRCH
Recharge threshold
V
– 0.115
– 0.10
– 0.085
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns decreasing
250
375
500
t(DEGL)
Deglitch time for recharge detect
below or increasing above threshold,
ms
10 mV overdrive
STAT1, STAT2, and PG OUTPUTS
VOL
Low-level output saturation voltage IO = 5 mA
0.25
V
ISET2, CHARGE ENABLE (CE), TIMER AND TERMINATION ENABLE (TTE), AND TIMER ENABLE (TE) INPUTS
VIL
Low-level input voltage
IIL = 10 µA
0
0.4
V
VIH
High-level input voltage
IIL = 20 µA
1.4
CE, TE or TTE low-level
–1
IIL
input current
CE, TE or TTE high-level
1
IIH
µA
input current
IIL
ISET2 low-level input current
IISET2 = 0
–20
IIH
ISET2 high-level input current
IISET2 = VCC
40
IIH
ISET2 high-Z input current
1
V
TIMERS
t(PRECHG)
Precharge time
1,620
1,800
1,930
bq24020
1,620
1,800
1,930
bq24022
t(TAPER)
Taper time
bq24023
bq24024
bq24025
s
bq24020
16,200
18,000
19,300
bq24022
bq24023
bq24024
t(CHG)
Charge time
bq24025
22,680
25,200
27,720
bq24026
bq24027
I(FAULT)
Timer fault recovery current
200
µA
SLEEP COMPARATOR
VCC
Sleep-mode entry
V(SLP)
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)
threshold voltage
+80 mV
V
VCC
Sleep mode exit
V(SLPEXIT)
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)
threshold voltage
+190mV
AC and USB decreasing below threshold,
Sleep mode deglitch time
250
375
500
ms
tFALL = 100 ns, 10 mV overdrive
THERMAL SHUTDOWN THRESHOLDS
T(SHTDWN)
Thermal trip threshold
165
°C
Thermal hysteresis
15
UNDERVOLTAGE LOCKOUT
V(UVLO)
Undervoltage lockout
Decreasing VCC
2.4
2.5
2.6
V
Hysteresis
27
mV
5
Submit Documentation Feedback


Similar Part No. - BQ24027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24027DRCR TI-BQ24027DRCR Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24027DRCRG4 TI-BQ24027DRCRG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24027DRCT TI-BQ24027DRCT Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24027DRCTG4 TI-BQ24027DRCTG4 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
More results

Similar Description - BQ24027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020 Datasheet
301Kb / 20P
[Old version datasheet]   SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com