Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK472-100A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK472-100A
Description  PowerMOS transistor Isolated version of BUK452-100A/B
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK472-100A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK472-100A Datasheet HTML 1Page - NXP Semiconductors BUK472-100A Datasheet HTML 2Page - NXP Semiconductors BUK472-100A Datasheet HTML 3Page - NXP Semiconductors BUK472-100A Datasheet HTML 4Page - NXP Semiconductors BUK472-100A Datasheet HTML 5Page - NXP Semiconductors BUK472-100A Datasheet HTML 6Page - NXP Semiconductors BUK472-100A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK472-100A/B
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
100
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.1
3.0
4.0
V
I
DSS
Zero gate voltage drain current
V
DS = 100 V; VGS = 0 V; Tj = 25 ˚C
-
1
10
µA
I
DSS
Zero gate voltage drain current
V
DS = 100 V; VGS = 0 V; Tj =125 ˚C
-
0.1
1.0
mA
I
GSS
Gate source leakage current
V
GS = ±30 V; VDS = 0 V
-
10
100
nA
R
DS(ON)
Drain-source on-state
V
GS = 10 V;
BUK472-100A
-
0.22
0.25
resistance
I
D = 5.5 A
BUK472-100B
-
0.25
0.3
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 5.5 A
3
4.2
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
400
500
pF
C
oss
Output capacitance
-
90
120
pF
C
rss
Feedback capacitance
-
35
50
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 3 A;
-
9
14
ns
t
r
Turn-on rise time
V
GS = 10 V; RGS = 50 Ω;
-
25
40
ns
t
d off
Turn-off delay time
R
gen = 50 Ω
-
3045ns
t
f
Turn-off fall time
-
20
40
ns
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
-
6.6
A
current
I
DRM
Pulsed reverse drain current
-
-
-
26
A
V
SD
Diode forward voltage
I
F = 6.6 A ; VGS = 0 V
-
1.2
1.5
V
t
rr
Reverse recovery time
I
F = 6.6 A; -dIF/dt = 100 A/µs;
-
80
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 30 V
-
0.30
-
µC
November 1996
2
Rev 1.200


Similar Part No. - BUK472-100A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK472-100A ISC-BUK472-100A Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK472-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK472-60A PHILIPS-BUK472-60A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK452-60A/B
November 1996 Rev 1.200
BUK473-100A PHILIPS-BUK473-100A Datasheet
60Kb / 7P
   PowerMOS transistor Isolated version of BUK453-100A/B
November 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK473-60A PHILIPS-BUK473-60A Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of BUK453-60A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-60A PHILIPS-BUK475-60A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
80Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
PHX1N60E PHILIPS-PHX1N60E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP1N60E
November 1996 Rev 1.000
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com