Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC123E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC123E
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC123E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC123E Datasheet HTML 1Page - Texas Instruments CD74HC123E Datasheet HTML 2Page - Texas Instruments CD74HC123E Datasheet HTML 3Page - Texas Instruments CD74HC123E Datasheet HTML 4Page - Texas Instruments CD74HC123E Datasheet HTML 5Page - Texas Instruments CD74HC123E Datasheet HTML 6Page - Texas Instruments CD74HC123E Datasheet HTML 7Page - Texas Instruments CD74HC123E Datasheet HTML 8Page - Texas Instruments CD74HC123E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
RtWL
2
100
-
-
125
-
-
150
-
150
ns
4.5
20
-
-
25
-
-
30
-
30
ns
6
17
-
-
21
-
-
26
-
26
ns
A and B Hold Time
tH
2
50
-
-
65
-
-
75
-
75
ns
4.5
10
-
-
13
-
-
15
-
15
ns
6
9
-
-
11
-
-
13
-
13
ns
Reset Removal Time
tREM
2
50
-
-
65
-
-
75
-
75
ns
4.5
10
-
-
13
-
-
15
-
15
ns
6
9
-
-
11
-
-
13
-
13
ns
Retrigger Time Number
trT
5-
-
-
-
-
-
-
-
-
ns
RX = 10KΩ, CX = 0
-
50
-
-
63
-
-
76
-
ns
Output Pulse Width
tW
5
Q or Q
RX = 10KΩ,CX = 10nF
40
-
50
38.7
-
51.3
38.2
-
51.8
µs
HCT TYPES
Minimum Input,
Pulse Width
tWL
5
-
A20
-
-
25
-
-
30
-
-
ns
BtWH
20
-
-
25
-
-
30
-
-
ns
RtWL
20
-
-
25
-
-
30
-
-
ns
A and B Hold Time
tH
510
-
-
13
-
-
15
-
-
ns
Reset Removal Time
tREM
510
-
-
13
-
-
15
-
ns
Retrigger Time Number
(Note 3)
RX = 10KΩ, CX = 0
trT
5
-
50
-
-
63
-
-
76
-
ns
Output Pulse Width Q or Q
tW
5
40
-
50
38.7
-
51.3
38.2
-
51.8
µs
RX = 10KΩ,CX = 10nF
NOTE:
3. Time to trigger depends on the values of RX and CX. The output pulse width can only be extended when the time between the active-
going edges of the trigger input pulses meet the minimum retrigger time requirement.
Prerequisite for Switching Specifications (Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423


Similar Part No. - CD74HC123E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC123E TI-CD74HC123E Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123E TI-CD74HC123E Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123E HARRIS-CD74HC123E Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Texas Instruments
CD74HC123E TI-CD74HC123E Datasheet
511Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123E TI-CD74HC123E Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

Similar Description - CD74HC123E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC123 TI-CD54HC123_07 Datasheet
511Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com