Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6NF30V Datasheet(PDF) 2 Page - STMicroelectronics

Part # C6NF30V
Description  N-channel 30V - 0.020ohm - 6A - TSSOP8 2.5V-drive STripFE TM II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C6NF30V Datasheet(HTML) 2 Page - STMicroelectronics

  C6NF30V Datasheet HTML 1Page - STMicroelectronics C6NF30V Datasheet HTML 2Page - STMicroelectronics C6NF30V Datasheet HTML 3Page - STMicroelectronics C6NF30V Datasheet HTML 4Page - STMicroelectronics C6NF30V Datasheet HTML 5Page - STMicroelectronics C6NF30V Datasheet HTML 6Page - STMicroelectronics C6NF30V Datasheet HTML 7Page - STMicroelectronics C6NF30V Datasheet HTML 8Page - STMicroelectronics C6NF30V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Contents
STC6NF30V
2/13
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


Similar Description - C6NF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
   N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STS6DNF30V STMICROELECTRONICS-STS6DNF30V Datasheet
267Kb / 8P
   DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET??II POWER MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
   N-channel 30V - 0.027廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
   N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
   N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET??II POWER MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V_07 Datasheet
266Kb / 12P
   N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET TM ll Power MOSFET
February 2007 Rev 5
logo
Unisonic Technologies
SSM3K333R UTC-SSM3K333R Datasheet
167Kb / 3P
   6A, 30V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
   N-channel 20V - 0.030廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com