Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC08DE150HV Datasheet(PDF) 5 Page - STMicroelectronics

Part # STC08DE150HV
Description  Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08DE150HV Datasheet(HTML) 5 Page - STMicroelectronics

  STC08DE150HV Datasheet HTML 1Page - STMicroelectronics STC08DE150HV Datasheet HTML 2Page - STMicroelectronics STC08DE150HV Datasheet HTML 3Page - STMicroelectronics STC08DE150HV Datasheet HTML 4Page - STMicroelectronics STC08DE150HV Datasheet HTML 5Page - STMicroelectronics STC08DE150HV Datasheet HTML 6Page - STMicroelectronics STC08DE150HV Datasheet HTML 7Page - STMicroelectronics STC08DE150HV Datasheet HTML 8Page - STMicroelectronics STC08DE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STC08DE150HV
Electrical characteristics
5/11
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC =VClamp =300V
VGS =10V
IC = 4A
IB = 0.8A
tpeak =500ns
RG =47Ω
IBpeak = 8A (2IC )
6V
VCS(dyn)
Collector-source
dynamic voltage
(1
µs)
VCC =VClamp =300V
VGS =10V
IC = 4A
IB = 0.8A
tpeak =500ns
RG =47Ω
IBpeak = 8A (2IC )
2.2
V
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Figure 1.
Output characteristics
Figure 2.
Dynamic collector-emitter
saturation voltage
Figure 3.
DC current gain
Figure 4.
Gate threshold voltage vs
temperature


Similar Part No. - STC08DE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
More results

Similar Description - STC08DE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com