Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C08DE150HV Datasheet(PDF) 3 Page - STMicroelectronics

Part # C08DE150HV
Description  Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C08DE150HV Datasheet(HTML) 3 Page - STMicroelectronics

  C08DE150HV Datasheet HTML 1Page - STMicroelectronics C08DE150HV Datasheet HTML 2Page - STMicroelectronics C08DE150HV Datasheet HTML 3Page - STMicroelectronics C08DE150HV Datasheet HTML 4Page - STMicroelectronics C08DE150HV Datasheet HTML 5Page - STMicroelectronics C08DE150HV Datasheet HTML 6Page - STMicroelectronics C08DE150HV Datasheet HTML 7Page - STMicroelectronics C08DE150HV Datasheet HTML 8Page - STMicroelectronics C08DE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STC08DE150HV
Electrical ratings
3/11
1
Electrical ratings
Table 3.
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS) Collector-source voltage (VBS =VGS =0V)
1500
V
VBS(OS) Base-source voltage (IC =0, VGS =0V)
30
V
VSB(OS) Source-base voltage (IC =0, VGS =0V)
9
V
VGS
Gate-source voltage
± 20
V
IC
Collector current
8
A
ICM
Collector peak current (tP < 5ms)
15
A
IB
Base current
4
A
IBM
Base peak current (tP < 1ms)
8
A
Ptot
Total dissipation at Tc ≤ 25°C
156
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
125
°C
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case
max
0.64
°C/W


Similar Part No. - C08DE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C08DE150HP STMICROELECTRONICS-C08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
More results

Similar Description - C08DE150HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com