Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D100NH03L Datasheet(PDF) 11 Page - STMicroelectronics

Part # D100NH03L
Description  N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D100NH03L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button D100NH03L Datasheet HTML 7Page - STMicroelectronics D100NH03L Datasheet HTML 8Page - STMicroelectronics D100NH03L Datasheet HTML 9Page - STMicroelectronics D100NH03L Datasheet HTML 10Page - STMicroelectronics D100NH03L Datasheet HTML 11Page - STMicroelectronics D100NH03L Datasheet HTML 12Page - STMicroelectronics D100NH03L Datasheet HTML 13Page - STMicroelectronics D100NH03L Datasheet HTML 14Page - STMicroelectronics D100NH03L Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STD100NH03L
Packaging mechanical data
11/15
5
Packaging mechanical data
TAPE AND REEL SHIPMENT
DPAK FOOTPRINT
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
2500
2500
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267 0.275
B0
10.4
10.6
0.409 0.417
B1
12.1
0.476
D
1.5
1.6
0.059 0.063
D1
1.5
0.059
E
1.65
1.85
0.065 0.073
F
7.4
7.6
0.291 0.299
K0
2.55
2.75
0.100 0.108
P0
3.9
4.1
0.153 0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075 0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions are in millimeters


Similar Part No. - D100NH03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D100NH02L STMICROELECTRONICS-D100NH02L Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
More results

Similar Description - D100NH03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
   N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET??II POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com