Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA691 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA691
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA691 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA691 Datasheet HTML 1Page - Burr-Brown (TI) OPA691 Datasheet HTML 2Page - Burr-Brown (TI) OPA691 Datasheet HTML 3Page - Burr-Brown (TI) OPA691 Datasheet HTML 4Page - Burr-Brown (TI) OPA691 Datasheet HTML 5Page - Burr-Brown (TI) OPA691 Datasheet HTML 6Page - Burr-Brown (TI) OPA691 Datasheet HTML 7Page - Burr-Brown (TI) OPA691 Datasheet HTML 8Page - Burr-Brown (TI) OPA691 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TopView
SSOP
300W
300W
300W
300W
300W
300W
1
2
3
4
5
6
7
8
-INA
-INB
-INC
+INA
DISB
DISC
+INB
+INC
9
10
11
12
13
14
15
16
-VS
+V
S
+V
S
-VS
DISA
OUTC
OUTB
OUTA
OPA3693
CHA
CHB
CHC
OPA3693
SBOS353 – DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA3693IDBQ
Rail, 75
OPA3693
SSOP-16
DBQ
–40
°C to +85°C
OP3693
OPA3693IDBQR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
±6.5V
DC
Internal Power Dissipation
See Thermal Analysis
Differential Input Voltage
±1.2V
Input Common-Mode Voltage Range
±V
S
Storage Temperature Range
–40
°C to +125°C
Lead Temperature (soldering, 10s)
+300
°C
Peak
+150
°C
Maximum Junction
Temperature, TJ
Continuous Operation, Long-Term Reliability
+140
°C
Human Body Model (HBM)
1500V
ESD Rating
Charge Device Model (CDM)
1000V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these and any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback


Similar Part No. - OPA691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA691 TI-OPA691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA691 TI1-OPA691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA691

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com