Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA692 Datasheet HTML 1Page - Burr-Brown (TI) OPA692 Datasheet HTML 2Page - Burr-Brown (TI) OPA692 Datasheet HTML 3Page - Burr-Brown (TI) OPA692 Datasheet HTML 4Page - Burr-Brown (TI) OPA692 Datasheet HTML 5Page - Burr-Brown (TI) OPA692 Datasheet HTML 6Page - Burr-Brown (TI) OPA692 Datasheet HTML 7Page - Burr-Brown (TI) OPA692 Datasheet HTML 8Page - Burr-Brown (TI) OPA692 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
OPA3693
SBOS353 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS: V
S = ±5V (continued)
Boldface limits are tested at +25
°C.
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
OPA3693IDBQ
TYP
MIN/MAX OVER TEMPERATURE
TEST
0
°C to
–40
°C to
MIN/
LEVEL
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3) +85°C(3)
UNITS
MAX
(1)
INPUT
Common-Mode Input Voltage Range (CMIR)
±3.4
±3.3
±3.2
±3.2
V
min
B
Noninverting Input Impedance
300 || 1.2
k
Ω || pF
typ
C
OUTPUT
Voltage Output Swing
No Load
±4.1
±3.9
±3.9
±3.8
V
min
A
100
Ω Load
±3.8
±3.7
±3.7
±3.7
V
min
A
Current Output: Sinking, Sourcing
VO = 0
±100
±85
±80
±70
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.18
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)
VDIS = 0, All Channels
–390
–600
–650
–665
µA
typ
A
Disable Time
VIN = ±0.25VDC
1
µs
typ
C
Enable Time
VIN = ±0.25VDC
25
ns
typ
C
Off Isolation
G = +2, 10MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn-On Glitch
G = +2, VIN = 0
±100
mV
typ
C
Turn-Off Glitch
G = +2, VIN = 0
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0, Each Channel
75
130
143
149
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±1.75
±1.8
±1.9
V
min
B
Maximum Operating Voltage
±6
±6
±6
V
max
A
Maximum Quiescent Current
VS = ±5V
39
41
42.2
43.5
mA
max
A
Minimum Quiescent Current
VS = ±5V
39
37.5
34.8
33
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input-Referred, f < 100kHz
62
52
50
49
dB
typ
A
TEMPERATURE RANGE
Specification: IDBQ
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
DBQ
SSOP-16
80
°C/W
typ
C
4
Submit Documentation Feedback


Similar Part No. - OPA692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI-OPA692 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA692 TI-OPA692 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA692

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com