Part Name
         Description
STD790AT4

 Medium Current, High Performance, Low Voltage PNP Transistor ( 10 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 
 5 page
background image
STD790AT4
Electrical characteristics
5/10
Note (2) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
ft
Transition frequency
IC = -50mA
VCE = -5V
f = 50MHz
100
MHz
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = -3A
VCC = -20V
IB1 = -IB2 = -60mA
(see figure 7)
180
160
250
80
220
210
300
100
ns
ns
ns
ns
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Figure 1.
DC current gain
Figure 2.
DC current gain
Figure 3.
Collector-emitter saturation
voltage
Figure 4.
Base-emitter saturation
voltage
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2STX2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STF2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STR2215Low voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics
2STR2230Low voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics
BSS76HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Seme LAB
ZX5T953G100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 1 2 3 4 5 MoreZetex Semiconductors
MJE5852_03HIGH VOLTAGE PNP POWER TRANSISTOR 1 2 3 4 STMicroelectronics
ZX5T953Z100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
2STN2540Low voltage fast-switching PNP power bipolar transistor 1 2 3 4 5 MoreSTMicroelectronics
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl