Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB6NC60H Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGB6NC60H
Description  N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NC60H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGB6NC60H Datasheet HTML 2Page - STMicroelectronics STGB6NC60H Datasheet HTML 3Page - STMicroelectronics STGB6NC60H Datasheet HTML 4Page - STMicroelectronics STGB6NC60H Datasheet HTML 5Page - STMicroelectronics STGB6NC60H Datasheet HTML 6Page - STMicroelectronics STGB6NC60H Datasheet HTML 7Page - STMicroelectronics STGB6NC60H Datasheet HTML 8Page - STMicroelectronics STGB6NC60H Datasheet HTML 9Page - STMicroelectronics STGB6NC60H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STGB6NC60H
6/14
2.1
Electrical characteristics (curves)
Figure 1.
Output characterisics
Figure 2.
Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs
temperature
Figure 5.
Gate charge vs gate-source voltage Figure 6.
Capacitance variations


Similar Part No. - STGB6NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGB6NC60HD-1 STMICROELECTRONICS-STGB6NC60HD-1 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGB6NC60HDT4 STMICROELECTRONICS-STGB6NC60HDT4 Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HDT4 STMICROELECTRONICS-STGB6NC60HDT4 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
More results

Similar Description - STGB6NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60H STMICROELECTRONICS-STGD6NC60H_07 Datasheet
454Kb / 14P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
   N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com