Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2906 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM2906 Datasheet HTML 7Page - Burr-Brown (TI) PCM2906 Datasheet HTML 8Page - Burr-Brown (TI) PCM2906 Datasheet HTML 9Page - Burr-Brown (TI) PCM2906 Datasheet HTML 10Page - Burr-Brown (TI) PCM2906 Datasheet HTML 11Page - Burr-Brown (TI) PCM2906 Datasheet HTML 12Page - Burr-Brown (TI) PCM2906 Datasheet HTML 13Page - Burr-Brown (TI) PCM2906 Datasheet HTML 14Page - Burr-Brown (TI) PCM2906 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
PCM2904
PCM2906
SLES042B − JUNE 2002 − REVISED MARCH 2007
www.ti.com
11
TYPICAL CHARACTERISTICS
ADC
Figure 1. THD + N at –0.5 dB vs Temperature
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
TOTAL HARMONIC DISTORTION + NOISE
vs
FREE-AIR TEMPERATURE
0.010
0.009
0.004
0.003
0.005
0.008
0.007
0.006
Figure 2
85
87
89
91
93
95
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
DYNAMIC RANGE and SNR
vs
FREE-AIR TEMPERATURE
SNR
Dynamic Range
Figure 3. THD + N at –0.5 dB vs Supply Voltage
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
4.0
4.5
5.0
5.5
VBUS – Supply Voltage – V
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
0.010
0.009
0.004
0.003
0.005
0.008
0.007
0.006
85
87
89
91
93
95
4.0
4.5
5.0
5.5
VBUS – Supply Voltage – V
DYNAMIC RANGE and SNR
vs
SUPPLY VOLTAGE
SNR
Dynamic Range
Figure 4
All specifications at TA = 25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, using REG103xA−A, unless otherwise noted.


Similar Part No. - PCM2906

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906 TI1-PCM2906 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906BDB TI1-PCM2906BDB Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906BDBR TI1-PCM2906BDBR Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results

Similar Description - PCM2906

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com