Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5330-LLYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5330-LLYML
Description  Dual, 300mA UCap LDO in 2mm x 2mm MLF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-LLYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5330-LLYML Datasheet HTML 1Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-LLYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC5330
August 2006
5
M9999-080306
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................0V to +6V
Enable Input Voltage (VEN)...........................0V to +6V
Power Dissipation...........................Internally Limited
(3)
Lead Temperature (soldering, 3sec ...................260°C
Storage Temperature (TS)................. -65°C to +150°C
ESD Rating
(4) .........................................................2kV
Operating Ratings(2)
Supply voltage (VIN)............................... +2.3V to +5.5V
Enable Input Voltage (VEN).............................. 0V to VIN
Junction Temperature ......................... -40°C to +125°C
Junction Thermal Resistance
MLF-8 (
θJA) ............................................... 90°C/W
Electrical Characteristics(5)
VIN = EN1 = EN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF;
CBYP = 0.1µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 300mA
0.5
%
Dropout Voltage (Note 6)
IOUT = 100µA
IOUT = 100mA
IOUT = 150mA
IOUT = 300mA
0.1
25
35
75
75
100
200
mV
mV
mV
mV
Ground Current
EN1 = High; EN2 = Low; IOUT = 100µA to 300mA
EN1 = Low; EN2 = High; IOUT = 100µA to 300mA
EN1 = EN2 = High; IOUT1 = 300mA, IOUT2 = 300mA
85
85
150
120
120
200
µA
µA
µA
Ground Current in Shutdown
EN1 = EN2 = 0V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF; CBYP = 0.1µF
f = 20kHz; COUT = 1.0µF; CBYP = 0.1µF
70
65
dB
dB
Current Limit
VOUT = 0V
350
550
950
mA
Output Voltage Noise
COUT = 1.0µF; CBYP = 0.1µF; 10Hz to 100kHz
30
µVRMS
Enable Inputs (EN1 / EN2)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.1
V
VIL ≤ 0.2V
0.01
µA
Enable Input Current
VIH ≥ 1.0V
0.01
µA
Turn-on Time (See Timing Diagram)
Turn-on Time (LDO1 and 2)
COUT = 1.0µF; CBYP = 0.01µF
30
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.3V, the dropout voltage is the input-to-output differential with the minimum input voltage 2.3V.


Similar Part No. - MIC5330-LLYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330-LLYML MICREL-MIC5330-LLYML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5330-LLYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com