Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP10NC60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP10NC60HD
Description  N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGP10NC60HD Datasheet HTML 1Page - STMicroelectronics STGP10NC60HD Datasheet HTML 2Page - STMicroelectronics STGP10NC60HD Datasheet HTML 3Page - STMicroelectronics STGP10NC60HD Datasheet HTML 4Page - STMicroelectronics STGP10NC60HD Datasheet HTML 5Page - STMicroelectronics STGP10NC60HD Datasheet HTML 6Page - STMicroelectronics STGP10NC60HD Datasheet HTML 7Page - STMicroelectronics STGP10NC60HD Datasheet HTML 8Page - STMicroelectronics STGP10NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2007
Rev 3
1/15
15
Low on-voltage drop (Vcesat)
Low CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESHIGBTs, with outstanding
performances. The suffix “H” identifies a family
optimized for high frequency applications in order
to achieve very high switching performances
(reduced tfall) manta in ing a low voltage drop.
Applications
High frequency motor controls
Smps and pfc in both hard switch and resonant
topologies
Motor drivers
Internal schematic diagram
General features
Type
VCES
VCE(sat)
(Max)@ 25°C
IC
@100°C
STGB10NC60HD
600V
< 2.5V
10A
STGP10NC60HD
600V
< 2.5V
10A
1
3
1
2
3
D²PAK
TO-220
STGB10NC60HD
STGP10NC60HD
N-channel 600V - 10A - TO-220 - D2PAK
Very fast PowerMESH™ IGBT
www.st.com
Order codes
Part Number
Marking
Package
Packaging
STGB10NC60HD
GB10NC60HD
D²PAK
Tape & reel
STGP10NC60HD
GP10NC60HD
TO-220
Tube


Similar Part No. - STGP10NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
More results

Similar Description - STGP10NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
   N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com