Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD6NC60H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGD6NC60H
Description  N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD6NC60H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGD6NC60H_07 Datasheet HTML 6Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 7Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 8Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 9Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 10Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 11Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 12Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 13Page - STMicroelectronics STGD6NC60H_07 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STGD6NC60H
10/14
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STGD6NC60H_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60H-1 STMICROELECTRONICS-STGD6NC60H-1 Datasheet
376Kb / 13P
   N-channel 600 V, 7 A - IPAK Very fast PowerMESH??IGBT
April 2014 Rev 1
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
More results

Similar Description - STGD6NC60H_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
   N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
   N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
   N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com