Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30NC60W Datasheet(PDF) 3 Page - STMicroelectronics

Part # GP30NC60W
Description  N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP30NC60W Datasheet(HTML) 3 Page - STMicroelectronics

  GP30NC60W Datasheet HTML 1Page - STMicroelectronics GP30NC60W Datasheet HTML 2Page - STMicroelectronics GP30NC60W Datasheet HTML 3Page - STMicroelectronics GP30NC60W Datasheet HTML 4Page - STMicroelectronics GP30NC60W Datasheet HTML 5Page - STMicroelectronics GP30NC60W Datasheet HTML 6Page - STMicroelectronics GP30NC60W Datasheet HTML 7Page - STMicroelectronics GP30NC60W Datasheet HTML 8Page - STMicroelectronics GP30NC60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STGW30NC60W - STGP30NC60W
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
Collector current (continuous) at 25°C
60
A
IC
Collector current (continuous) at 100°C
30
A
ICM
(1)
1.
Pulse width limited by max junction temperature
Collector current (pulsed)
200
A
VGE
Gate-emitter voltage
± 20
V
PTOT
Total dissipation at TC = 25°C
200
W
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
TL
Maximum lead temperature for soldering purpose (1.6mm
from case, for 10 sec.)
300
°C
Table 2.
Thermal resistance
Min.
Typ.
Max.
Unit
Rthj-case
Thermal resistance junction-case
0.625
°C/W
Rthj-amb
Thermal resistance junction-ambient
TO-220
TO-247
62.5
50
°C/W
°C/W


Similar Part No. - GP30NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GP30NC60K STMICROELECTRONICS-GP30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
More results

Similar Description - GP30NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW19NC60WD STMICROELECTRONICS-STGW19NC60WD Datasheet
312Kb / 15P
   N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com