Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW40NC60V Datasheet(PDF) 2 Page - STMicroelectronics

Part # GW40NC60V
Description  N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW40NC60V Datasheet(HTML) 2 Page - STMicroelectronics

  GW40NC60V Datasheet HTML 1Page - STMicroelectronics GW40NC60V Datasheet HTML 2Page - STMicroelectronics GW40NC60V Datasheet HTML 3Page - STMicroelectronics GW40NC60V Datasheet HTML 4Page - STMicroelectronics GW40NC60V Datasheet HTML 5Page - STMicroelectronics GW40NC60V Datasheet HTML 6Page - STMicroelectronics GW40NC60V Datasheet HTML 7Page - STMicroelectronics GW40NC60V Datasheet HTML 8Page - STMicroelectronics GW40NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STGW40NC60V
2/10
Table 3: Absolute Maximum ratings
(1)Pulse width limited by max. junction temperature.
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: Off
Table 6: On
(#) Calculated according to the iterative formula:
Symbol
Parameter
Value
Symbol
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at 25°C (#)
80
A
IC
Collector Current (continuous) at 100°C (#)
50
A
ICM (1)
Collector Current (pulsed)
200
A
PTOT
Total Dissipation at TC = 25°C
260
W
Derating Factor
2.08
W/°C
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Operating Junction Temperature
Min.
Typ.
Max.
Unit
Rthj-case
Thermal Resistance Junction-case
0.48
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
°C/W
TL
Maximum Lead Temperature for Soldering Purpose
(1.6 mm from case, for 10 sec.)
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 1 mA, VGE = 0
600
V
ICES
Collector-Emitter Leakage
Current (VCE = 0)
VGE = Max Rating
Tc=25°C
Tc=125°C
10
1
µA
mA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE = ± 20 V , VCE = 0
± 100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
VCE(SAT)
Collector-Emitter Saturation
Voltage
VGE= 15 V, IC= 40A, Tj= 25°C
VGE= 15 V, IC= 40A,
Tj= 125°C
1.9
1.7
2.5
V
V
I
C
T
C
()
T
JMAX
T
C
R
THJ
C
V
CE SAT M AX
() TC IC
,
()
×
--------------------------------------------------------------------------------------------------
=


Similar Part No. - GW40NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW40NC60KD STMICROELECTRONICS-GW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
GW40NC60WD STMICROELECTRONICS-GW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
More results

Similar Description - GW40NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
   N-channel 600V - 50A - Max247 Very fast PowerMESH??IGBT
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
   N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
   N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com