Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M51323PC-SDC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4M51323PC-SDC
Description  Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51323PC-SDC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4M51323PC-SDC Datasheet HTML 4Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 5Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 6Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 7Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 8Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 9Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 10Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 11Page - Samsung semiconductor K4M51323PC-SDC Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4M51323PC-S(D)E/G/C/F
February 2006
Mobile-SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : Full array, 1/2 of full array, 1/4 of full array
BA1=0
- Full Array
- 1/2 Array
- 1/4 Array
Partial Self Refresh Area
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
For operating with DS or PASR, set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
Temperature Compensated Self Refresh
B. POWER UP SEQUENCE
Note :
1. In order to save power consumption, Mobile-SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range ; 45
°C and 85 °C(for Extended) / 70 °C(for Commercial).
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
3. It has +/- 5
°C tolerance.
Temperature Range
Self Refresh Current (IDD6)
Unit
- E / C
- G / F
Full Array
1/2 Array
1/4 Array
Full Array
1/2 Array
1/4 Array
45
°C*3
300
270
255
250
220
205
uA
85/70
°C
600
500
450
500
400
350


Similar Part No. - K4M51323PC-SDC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF75 SAMSUNG-K4M513233C-SDF75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF7L SAMSUNG-K4M513233C-SDF7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG75 SAMSUNG-K4M513233C-SDG75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG7L SAMSUNG-K4M513233C-SDG7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M51323PC-SDC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
   Mobile SDRAM
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
   Mobile-SDRAM
K4M511533E SAMSUNG-K4M511533E Datasheet
106Kb / 12P
   Mobile-SDRAM
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
logo
Samsung semiconductor
K4S643233H SAMSUNG-K4S643233H Datasheet
141Kb / 12P
   Mobile-SDRAM
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
logo
Hynix Semiconductor
HY5S5B2BLF-6E HYNIX-HY5S5B2BLF-6E Datasheet
666Kb / 54P
   256M (8Mx32bit) Mobile SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com