Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72515KTTTG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS72515KTTTG3
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72515KTTTG3 Datasheet(HTML) 1 Page - Texas Instruments

  TPS72515KTTTG3 Datasheet HTML 1Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 2Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 3Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 4Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS72515KTTTG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
DCQ PACKAGE
RESET/FB
OUT
GND
IN
ENABLE
SOT223-5
(TOP VIEW)
1
2
3
4
8
7
6
5
OUT
FB
GND
NC
IN
GND
GND
ENABLE
D PACKAGE
(TOP VIEW)
NC − No internal connection
1
KTT PACKAGE
(TOP VIEW)
2 3 4 5
DDPAK
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
1-A Output Current
The TPS725xx family of 1-A low-dropout (LDO) linear
regulators has fixed voltage options available that are
Available in 1.5-V, 1.6-V, 1.8-V, 2.5-V
commonly used to power the latest DSPs, FPGAs,
Fixed-Output and Adjustable Versions
and microcontrollers. An adjustable option ranging
(1.2-V to 5.5-V)
from 1.22 V to 5.5 V is also available. The integrated
Input Voltage Down to 1.8 V
supervisory circuitry provides an active low RESET
Low 170-mV Dropout Voltage at 1 A
signal when the output falls out of regulation. The no
(TPS72525)
capacitor/any capacitor feature allows the customer
to tailor output transient performance as needed.
Stable With Any Type/Value Output Capacitor
Therefore, compared to other regulators capable of
Integrated Supervisor (SVS) With 50-ms
providing the same output current, this family of
RESET Delay Time
regulators can provide a stand-alone power supply
Low 210-µA Ground Current at Full Load
solution or a post regulator for a switch mode power
supply.
(TPS72525)
Less than 1-µA Standby Current
These regulators are ideal for higher current appli-
cations. The family operates over a wide range of
±2% Output Voltage Tolerance Over Line,
input voltages (1.8 V to 6 V) and has very low
Load, and Temperature (-40
°C to 125°C)
dropout (170 mV at 1-A).
Integrated UVLO
Ground current is typically 210 µA at full load and
Thermal and Overcurrent Protection
drops to less than 80 µA at no load. Standby current
5-Lead SOT223-5 or DDPAK and 8-Pin SOP
is less than 1 µA.
(TPS72501 only) Surface Mount Package
Each
regulator
option
is
available
in
either
a
SOT223-5, D (TPS72501 only), or DDPAK package.
With a low input voltage and properly heatsinked
PCI Cards
package, the regulator dissipates more power and
Modem Banks
achieves higher efficiencies than similar regulators
Telecom Boards
requiring 2.5 V or more minimum input voltage and
higher quiescent currents. These features make it a
DSP, FPGA, and Microprocessor Power
viable power supply solution for
portable,
bat-
Supplies
tery-powered equipment.
Portable, Battery-Powered Applications
NOTE: TPS72501 replaces RESET with FB. Tab is GND for the DCK and KTT packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72515KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72515KTTTG3 TI1-TPS72515KTTTG3 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72515KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com