Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV4066A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LV4066A
Description  QUADRUPLE BILATERAL ANALOG SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4066A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV4066A Datasheet HTML 1Page - Texas Instruments SN54LV4066A Datasheet HTML 2Page - Texas Instruments SN54LV4066A Datasheet HTML 3Page - Texas Instruments SN54LV4066A Datasheet HTML 4Page - Texas Instruments SN54LV4066A Datasheet HTML 5Page - Texas Instruments SN54LV4066A Datasheet HTML 6Page - Texas Instruments SN54LV4066A Datasheet HTML 7Page - Texas Instruments SN54LV4066A Datasheet HTML 8Page - Texas Instruments SN54LV4066A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54LV4066A, SN74LV4066A
QUADRUPLE BILATERAL ANALOG SWITCHES
SCLS427I − APRIL 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Support Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This quadruple silicon-gate CMOS analog switch
is designed for 2-V to 5.5-V VCC operation.
These switches are designed to handle both
analog and digital signals. Each switch permits
signals with amplitudes up to 5.5 V (peak) to be
transmitted in either direction.
Each switch section has its own enable-input
control (C). A high-level voltage applied to C turns
on the associated switch section.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing
for
analog-to-digital
and
digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74LV4066AN
SN74LV4066AN
QFN − RGY
Reel of 1000
SN74LV4066ARGYR
LW066A
SOIC − D
Tube of 50
SN74LV4066AD
LV4066A
SOIC − D
Reel of 2500
SN74LV4066ADR
LV4066A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LV4066ANSR
74LV4066A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV4066ADBR
LW066A
Tube of 90
SN74LV4066APW
TSSOP − PW
Reel of 2000
SN74LV4066APWR
LW066A
TSSOP − PW
Reel of 250
SN74LV4066APWT
LW066A
TVSOP − DGV
Reel of 2000
SN74LV4066ADGVR
LW066A
−55
°C to 125°C
CDIP − J
Tube of 25
SNJ54LV4066AJ
SNJ54LV4066AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV4066AW
SNJ54LV4066AW
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2B
2A
2C
3C
GND
VCC
1C
4C
4A
4B
3B
3A
SN54LV4066A ...J OR W PACKAGE
SN74LV4066A ...D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
SN74LV4066A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
1C
4C
4A
4B
3B
1B
2B
2A
2C
3C
NC − No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN54LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI1-SN54LV4066A Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
More results

Similar Description - SN54LV4066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI1-SN54LV4066A_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4066B PHILIPS-HEF4066B Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com