Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4ULS3V16AE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V16AE
Description  1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V16AE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4ULS3V16AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V16AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8775E
02/23/07
PI4ULS3V16
1.2V to 3.6V, Universal Bi-directional
Level Shifter with Automatic Direction Control
Electrical Characteristics for (Over recommended free-air temperature range, unless otherwise noted.)(3)
Parameter
Description
Test Conditions
VCCA/VCCB
Min.
Typ. (1)
Max.
Units
VOH
High-Level Output Voltage
IOH = -100μA
1.2V to 3.6V
VCCO - 0.1V
V
IOH = -2mA
1.2V
0.8
IOH = -4mA
1.4V
1
IOH = -7mA
1.65V
1.2
IOH = -9mA
2.3V
1.8
IOH = -12mA
3.0V
2.4
VOL
Low-Level Output Voltage
IOL = 100μA
1.2V to 3.6V
0.2
IOL = 2mA
1.2V
0.1
IOL = 4mA
1.4V
0.4
IOL = 7mA
1.65V
0.4
IOL = 9mA
2.3V
0.4
IOL = 12mA
3.0V
0.4
ICC
Quiescent Supply Current
VI = VCCI or GND,
IO = 0
1.2V to 3.6V
10
μA
II
Control Inputs (OE and SEL) VI = VCCB or GND
1.2V to 3.6V
±5
IOZ(2)
3-State Output Current
VO = VCCO or GND
1.2V to 3.6V
±10
CIN
Control Input Capacitance
VI = VCCB or GND
3
pF
CIO
I/O Capacitance
VO = VCCA/B or GND
5
Notes:
1.
All typical values are at TA = 25°C.
2.
For I/O ports, the parameter IOZ includes the input leakage current.
3.
Parameters are specified under test mode conditions.
07-0052


Similar Part No. - PI4ULS3V16AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16MNLE PERICOM-PI4ULS3V16MNLE Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16ZFE PERICOM-PI4ULS3V16ZFE Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V16AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
   1-Bit Bi-directional Level Shifter with Automatic Sensing
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com