Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M51323PC-SDF75 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4M51323PC-SDF75
Description  Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51323PC-SDF75 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4M51323PC-SDF75 Datasheet HTML 4Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 5Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 6Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 7Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 8Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 9Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 10Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 11Page - Samsung semiconductor K4M51323PC-SDF75 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
K4M51323PC-S(D)E/G/C/F
February 2006
Mobile-SDRAM
Register Programmed with Extended MRS
Address
BA1
BA0
A12 ~ A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
Mode Select
RFU*1
DS
RFU*1
PASR
Normal MRS Mode
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
Mode Select
0
1
0
4
4
1
1
Reserved
0
1
1
3
BA1 BA0
Mode
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
0
0
Setting
for Nor-
mal MRS
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page*3 Reserved
Register Programmed with Normal MRS
Address
BA0 ~ BA1
A12 ~ A10/AP
A9*2
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
"0" Setting for
Normal MRS
RFU*1
W.B.L
Test Mode
CAS Latency
BT
Burst Length
NOTES:
1. RFU(Reserved for future use) should stay "0" during MRS cycle.
2. If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
3. Full Page Length : x32 : 64Mb(256) , 128Mb (256), 256Mb (512), 512Mb (512)
4. Mobile SDRAM supports PASR of full array, 1/2 of full array and 1/4 of full array.
Mode Select
Driver Strength
PASR *4
BA1
BA0
Mode
A6
A5
Driver Strength
A2
A1
A0
# of Banks
0
0
Normal MRS
0
0
Full
0
0
0
Full Array
0
1
Reserved
0
1
1/2
0
0
1
1/2 of Full Array
1
0
EMRS for Mobile SDRAM
1
0
1/4
0
1
0
1/4 of Full Array
1
1
Reserved
1
1
1/8
0
1
1
Reserved
Reserved Address
1
0
0
Reserved
A12~A10/AP
A9
A8
A7
A4
A3
1
0
1
Reserved
0
0
0
0
0
0
1
1
0
Reserved
1
1
1
Reserved
A. MODE REGISTER FIELD TABLE TO PROGRAM MODES
EMRS for PASR(Partial Array Self Ref.) & DS(Driver Strength)


Similar Part No. - K4M51323PC-SDF75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF75 SAMSUNG-K4M513233C-SDF75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF7L SAMSUNG-K4M513233C-SDF7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG75 SAMSUNG-K4M513233C-SDG75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG7L SAMSUNG-K4M513233C-SDG7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M51323PC-SDF75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
   Mobile SDRAM
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
   Mobile-SDRAM
K4M511533E SAMSUNG-K4M511533E Datasheet
106Kb / 12P
   Mobile-SDRAM
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
logo
Samsung semiconductor
K4S643233H SAMSUNG-K4S643233H Datasheet
141Kb / 12P
   Mobile-SDRAM
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
logo
Hynix Semiconductor
HY5S5B2BLF-6E HYNIX-HY5S5B2BLF-6E Datasheet
666Kb / 54P
   256M (8Mx32bit) Mobile SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com