Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16374DGVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC16374DGVR
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC16374DGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVC16374DGVR Datasheet HTML 2Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 3Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 4Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 5Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 6Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 7Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 8Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 9Page - Texas Instruments SN74AVC16374DGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74AVC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES158H – DECEMBER 1998 – REVISED MARCH 2005
MIN
MAX
UNIT
Operating
1.4
3.6
VCC
Supply voltage
V
Data retention only
1.2
VCC = 1.2 V
VCC
VCC = 1.4 V to 1.6 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 1.2 V
GND
VCC = 1.4 V to 1.6 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCC
VO
Output voltage
V
3-state
0
3.6
VCC = 1.4 V to 1.6 V
–2
VCC = 1.65 V to 1.95 V
–4
IOHS
Static high-level output current(2)
mA
VCC = 2.3 V to 2.7 V
–8
VCC = 3 V to 3.6 V
–12
VCC = 1.4 V to 1.6 V
2
VCC = 1.65 V to 1.95 V
4
IOLS
Static low-level output current(2)
mA
VCC = 2.3 V to 2.7 V
8
VCC = 3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
VCC = 1.4 V to 3.6 V
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Dynamic drive capability is equivalent to standard outputs with IOH and IOL of ±24 mA at 2.5-V VCC. See Figure 1 for VOL vs IOL and VOH
vs IOH characteristics. Refer to the TI application reports, AVC Logic Family Technology and Applications, literature number SCEA006,
and Dynamic Output Control (DOC™) Circuitry Technology and Applications, literature number SCEA009.
6


Similar Part No. - SN74AVC16374DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16374DGV TI-SN74AVC16374DGV Datasheet
167Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AVC16374DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
   16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com