Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC4851DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4851DR
Description  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4851DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC4851DR Datasheet HTML 2Page - Texas Instruments SN74HC4851DR Datasheet HTML 3Page - Texas Instruments SN74HC4851DR Datasheet HTML 4Page - Texas Instruments SN74HC4851DR Datasheet HTML 5Page - Texas Instruments SN74HC4851DR Datasheet HTML 6Page - Texas Instruments SN74HC4851DR Datasheet HTML 7Page - Texas Instruments SN74HC4851DR Datasheet HTML 8Page - Texas Instruments SN74HC4851DR Datasheet HTML 9Page - Texas Instruments SN74HC4851DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN74HC4851
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS542B − SEPTEMBER 2003 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 4.5 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
8.6
11.5
12.5
13.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
10
13
15
17
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
80
90
100
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
80
90
100
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 6 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
8
10
11
12
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
9.5
12.5
14.5
16.5
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
78
80
80
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
78
80
80
ns
operating characteristics, TA = 25°C (see Figure 15)
PARAMETER
VCC
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
3.3 V
No load
32
pF
Cpd
Power dissipation capacitance
5 V
No load
37
pF


Similar Part No. - SN74HC4851DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851DR TI-SN74HC4851DR Datasheet
385Kb / 16P
[Old version datasheet]   8 CHANNEL ANALOG MULTIPLEXER/DEMUILTIPLEXER WITH INJECTION CURRENT EFFECT CONTROL
SN74HC4851DR TI-SN74HC4851DR Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851DR TI-SN74HC4851DR Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851DRE4 TI-SN74HC4851DRE4 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851DRE4 TI-SN74HC4851DRE4 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4851DR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com