Selected language     English  ▼


STP16CP05 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. STP16CP05
Description  Low voltage 16-Bit constant current LED sink driver
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 4 page
background image
Electrical ratings
STP16CP05
4/26
2
Electrical ratings
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VO
Output voltage
-0.5 to 20
V
IO
Output current
80
mA
VI
Input voltage
-0.4 to VDD+0.4
V
IGND
GND terminal current
1300
mA
fCLK
Clock frequency
50
MHz
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
TOPR
Operating temperature range
-40 to +125
°C
TSTG
Storage temperature range
-55 to +150
°C
RthJC
Thermal resistance junction-case
DIP-24
60
°C/W
TSSOP24
85
°C/W
TSSOP24(1)
Exposed Pad
1.
The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
37.5
°C/W
SO-24
75
°C/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STP08C5968-BIT CONSTANT CURRENT LED SINK DRIVER 1 2 3 4 5 MoreSTMicroelectronics
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor
LM3503Dual-Display Constant Current LED Driver with Analog Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
SP7618Constant Current LED Driver 1 2 3 4 5 MoreSipex Corporation
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
RT9269Tiny Package High Efficiency Constant Current LED Driver 1 2 3 4 5 MoreRichtek Technology Corporation
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl