Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV04APWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV04APWT
Description  HEX INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV04APWT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV04APWT Datasheet HTML 1Page - Texas Instruments SN74LV04APWT Datasheet HTML 2Page - Texas Instruments SN74LV04APWT Datasheet HTML 3Page - Texas Instruments SN74LV04APWT Datasheet HTML 4Page - Texas Instruments SN74LV04APWT Datasheet HTML 5Page - Texas Instruments SN74LV04APWT Datasheet HTML 6Page - Texas Instruments SN74LV04APWT Datasheet HTML 7Page - Texas Instruments SN74LV04APWT Datasheet HTML 8Page - Texas Instruments SN74LV04APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54LV04A, SN74LV04A
HEX INVERTERS
SCLS388J − SEPTEMBER 1997 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 6.5 ns at 5 V
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LV04A ...J OR W PACKAGE
SN74LV04A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LV04A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LV04A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
These hex inverters are designed for 2-V to 5.5-V VCC operation. The ’LV04A devices contain six independent
inverters. These devices perform the Boolean function Y = A.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV04ARGYR
LV04A
SOIC − D
Tube of 50
SN74LV04AD
LV04A
SOIC − D
Reel of 2500
SN74LV04ADR
LV04A
SOP − NS
Reel of 2000
SN74LV04ANSR
74LV04A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV04ADBR
LV04A
−40 C to 85 C
Tube of 90
SN74LV04APW
TSSOP − PW
Reel of 2000
SN74LV04APWR
LV04A
TSSOP − PW
Reel of 250
SN74LV04APWT
LV04A
TVSOP − DGV
Reel of 2000
SN74LV04ADGVR
LV04A
CDIP − J
Tube of 25
SNJ54LV04AJ
SNJ54LV04AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV04AW
SNJ54LV04AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV04AFK
SNJ54LV04AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV04APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV04APWT TI-SN74LV04APWT Datasheet
113Kb / 12P
[Old version datasheet]   HEX INVERTERS
SN74LV04APWT TI-SN74LV04APWT Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LV04APWTE4 TI-SN74LV04APWTE4 Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LV04APWTG4 TI-SN74LV04APWTG4 Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LV04APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com