Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2231PWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2231PWG4
Description  ExpressCard TM POWER INTERFACE SWITCH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2231PWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2231PWG4 Datasheet HTML 1Page - Texas Instruments TPS2231PWG4 Datasheet HTML 2Page - Texas Instruments TPS2231PWG4 Datasheet HTML 3Page - Texas Instruments TPS2231PWG4 Datasheet HTML 4Page - Texas Instruments TPS2231PWG4 Datasheet HTML 5Page - Texas Instruments TPS2231PWG4 Datasheet HTML 6Page - Texas Instruments TPS2231PWG4 Datasheet HTML 7Page - Texas Instruments TPS2231PWG4 Datasheet HTML 8Page - Texas Instruments TPS2231PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS (Thermal Resistance = °C/W)
TPS2231
TPS2236
SLVS536E – JULY 2004 – REVISED SEPTEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
TA
NUMBER OF CHANNELS
TSSOP
PowerPAD HTSSOP
QFN
TPS2231RGP
Single
TPS2231PW
TPS2231PWP
–40°C to 85°C
TPS2231MRGP(2)
Dual
TPS2236DAP
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2231PWPR).
(2)
The TPS2231MRGP is identical to the TPS2231RGP with the exception of the PowerPAD dimensions. See the Thermal Pad
Mechanical data portion of this data sheet for specific information.
over operating free-air temperature range (unless otherwise noted)(1)
TPS223x
UNIT
VI(3.3VIN)
–0.3 to 6
V
Input voltage range for card
VI
VI(1.5VIN)
–0.3 to 6
V
power
VI(AUXIN)
–0.3 to 6
V
Logic input/output voltage
–0.3 to 6
V
VO(3.3VOUT)
–0.3 to 6
V
VO
Output voltage range
VO(1.5VOUT)
–0.3 to 6
V
VO(AUXOUT)
–0.3 to 6
V
Continuous total power dissipation
See Dissipation Rating Table
IO(3.3VOUT)
Internally limited
IO
Output current
IO(AUXOUT)
Internally limited
IO(1.5VOUT)
Internally limited
OC sink current
10
mA
PERST sink/source current
10
mA
TJ
Operating virtual junction temperature range
–40 to 120
°C
Tstg
Storage temperature range
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
TPS2231
2
kV
Human body model
TPS2236, all pins except
Electrostatic discharge
(HBM) MIL-STD-883C
PERSTx and OCx
ESD
protection
TPS2236, PERSTx and OCx
1.5
kV
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW (20)(1)
704.2 mW
7.41 mW/°C
370.6 mW
259.5 mW
PWP (24)(1)
3153 mW
33.19 mW/°C
1659.5 mW
1161.6 mW
(1)
These devices are mounted on an JEDEC low-k board (2-oz. traces on surface), (The table is assuming that the maximum junction
temperature is 120°C). The power pad on the device must be soldered down to the power pad on the board if best thermal performance
is needed.
2
Submit Documentation Feedback


Similar Part No. - TPS2231PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2231PWG4 TI-TPS2231PWG4 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231PWG4 TI1-TPS2231PWG4 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results

Similar Description - TPS2231PWG4

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com