Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5335-MMYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5335-MMYMT
Description  Dual, High Performance 300mA UCap ULDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5335-MMYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5335-MMYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5335-MMYMT Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC5335
January 2007
8
M9999-010407
(408) 944-0800
Applications Information
Enable/Shutdown
The MIC5335 comes with dual active-high enable pins
that
allow
each
regulator
to
be
disabled
independently. Forcing the enable pin low disables the
regulator and sends it into a “zero” off-mode-current
state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high
enables the output voltage. The active-high enable pin
uses CMOS technology and the enable pin cannot be
left floating; a floating enable pin may cause an
indeterminate state on the output.
Input Capacitor
The MIC5335 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input-to-ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type
capacitors,
help
filter
out
high-
frequency noise and are good practice in any RF-
based circuit.
Output Capacitor
The MIC5335 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized
for use with low-ESR ceramic chip capacitors. High
ESR capacitors may cause high frequency oscillation.
The
output
capacitor
can
be
increased,
but
performance has been optimized for a 1µF ceramic
output capacitor and does not improve significantly
with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance.
X7R-type
capacitors
change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors on the market. Z5U and Y5V dielectric
capacitors change value by as much as 50% and
60%, respectively, over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric, the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance
over
the
equivalent
operating
temperature range.
No-Load Stability
Unlike many other voltage regulators, the MIC5335
will remain stable and in regulation with no load. This
is especially important in CMOS RAM keep-alive
applications.
Thermal Considerations
The MIC5335 is designed to provide 300mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature
can be calculated based upon the output current and
the voltage drop across the part. Given that the input
voltage is 3.3V, the output voltage is 2.8V for VOUT1,
2.5V for VOUT2 and the output current = 300mA. The
actual power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) IOUT2+ VIN IGND
Because this device is CMOS and the ground current
is typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.3V – 2.8V) × 300mA + (3.3V – 2.5V) × 300mA
PD = 0.39W
To determine the maximum ambient operating
temperature of the package, use the junction-to-
ambient thermal resistance of the device and the
following basic equation:
=
JA
A
J(max)
D(max)
θ
T
T
P
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 100°C/W.
The table that follows shows junction-to-ambient
thermal resistance for the MIC5335 in the Thin MLF
®
package.
Package
θ
JA
Recommended
Minimum
Footprint
θ
JC
6-Pin 1.6 X1.6
Thin MLF™
100°C/W
2°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating
temperature will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 100°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5335-MFYML at
an input voltage of 3.3V and 300mA loads at each


Similar Part No. - MIC5335-MMYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335-MMYMT MICREL-MIC5335-MMYMT Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
More results

Similar Description - MIC5335-MMYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com