Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC4066PWRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AHC4066PWRE4
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PWRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC4066PWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 9Page - Texas Instruments SN74AHC4066PWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 15 pF,
(see Figure 4)
0.3
4
7
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
1.6
7
10
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
3.2
7
10
ns
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 50 pF,
(see Figure 4)
0.6
6
8
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
2.1
12
16
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
5.1
12
16
ns
analog switch characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
(OUTPUT
TEST
VCC
TA = 25°C
UNIT
PARAMETER
FROM
(INPUT)
(OUTPUT
)
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Frequency response
A or B
B or A
CL = 50 pF, RL = 600 Ω,
2.3 V
30
MHz
Frequency response
(switch on)
A or B
B or A
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
20log
(V /V ) = –3 dB (see Figure 6)
3 V
35
MHz
(switch on)
in
20log10(VO/VI) = –3 dB (see Figure 6)
4.5 V
50
Crosstalk
A or B
B or A
CL = 50 pF, RL = 600 Ω,
2.3 V
–45
dB
Crosstalk
(between any switches)
A or B
B or A
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave) (see Figure 7)
3 V
–45
dB
(between any switches)
fin = 1 MHz (sine wave) (see Figure 7)
4.5 V
–45
Crosstalk
C
A or B
CL = 50 pF, RL = 600 Ω,
2.3 V
15
mV
Crosstalk
(control input to
signal output)
C
A or B
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (square wave) (see Figure 8)
3 V
20
mV
signal output)
fin = 1 MHz (square wave) (see Figure 8)
4.5 V
50
Feed-through attenuation
A or B
B or A
CL = 50 pF, RL = 600 Ω, fin = 1 MHz
2.3 V
–40
dB
Feed-through attenuation
(switch off)
A or B
B or A
CL = 50 pF, RL = 600 Ω, fin = 1 MHz
(see Figure 9)
3 V
–40
dB
(switch off)
(see Figure 9)
4.5 V
–40
Sine-wave distortion
A or B
B or A
CL= 50 pF, RL = 10 kΩ,
VI = 2 Vp-p
2.3 V
0.1
%
Sine-wave distortion
A or B
B or A
CL= 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
(see Figure 10)
VI = 2.5 Vp-p
3 V
0.1
%
(see Figure 10)
VI = 4 Vp-p
4.5 V
0.1
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
4.5
pF


Similar Part No. - SN74AHC4066PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066PWRE4 TI-SN74AHC4066PWRE4 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066PWRE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com