Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4401 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT4401
Description  75-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4401 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT4401 Datasheet HTML 2Page - Texas Instruments PT4401 Datasheet HTML 3Page - Texas Instruments PT4401 Datasheet HTML 4Page - Texas Instruments PT4401 Datasheet HTML 5Page - Texas Instruments PT4401 Datasheet HTML 6Page - Texas Instruments PT4401 Datasheet HTML 7Page - Texas Instruments PT4401 Datasheet HTML 8Page - Texas Instruments PT4401 Datasheet HTML 9Page - Texas Instruments PT4401 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4400 Series
Pin-Coded Output Voltage Adjustment on the
PT4400 Programmable DC/DC Converters
The PT4400 series of isloated DC/DC converters have
a programmable output voltage. In each case the desired
output voltage must be selected from one of a number of
discrete voltages using the voltage programming control
pins. Depending on each model’s resolution and adjust-
ment range, there are up to five control pins. They are
identified VID0–VID4 (pins 7–11) respectively. By
selectively strapping these control pins to (–)Remote
Sense (pin 12), the output voltage can be programmed
in incremental steps over the defined output voltage range.
The program code and output voltage range of the PT4401
is also compatible with the “Voltage ID” code defined in
the Intel® VRM 8.2 specification. Refer to Figure 1 for
the connection schematic, and the product specification
sheet for each model’s applicable program code.
Notes:
1. The programming convention is as follows:-
Logic 0:
Connect to pin 12 (–Remote Sense).
Logic 1:
Open circuit/open drain (See notes 2, & 4)
2. Do not connect pull-up resistors to the voltage
programming pins.
3. To minimize output voltage error, always use pin 12
(-Remote Sense) as the logic “0” reference. While -Vout
(pins 13-16) can also be used for programming, doing so
will degrade the voltage selection accuracy and load
regulation of the product.
4. When VID0–VID4 are all open circuit (logic 1), the
output voltage is undefined. In this state the output
voltage of the converter cannot be guaranteed, and can
vary with output load and input voltage.
Figure 1
5. On all models other than the PT4401, the contol input
VID4 (pin 11) is internally disabled and not functional.
6. If active devices are used to ground the voltage control
pins, low-level open drain MOSFET devices should be
used over bipolar transistors. The inherent Vce(sat) in
bipolar devices introduces errors in the device’s internal
voltage control circuit. Discrete transistors such as the
BSS138 or IRLML2402 are examples of appropriate
devices.
Active Voltage Programming:
Special precautions should be taken when making changes
to the voltage progam code while the output is active.
This activity induces a transient, which may activate
the module’s output over-voltage (OV) protection. Once
triggered the OV protection circuit latches the output
off, and requires the momentary removal of input power
to reset the module. OV protection trips can be avoided
by limiting the output voltage adjustment to no more
than a 15% change from the initial voltage. Large transi-
tions are best made with a series of incremental changes,
allowing 100µs settling time between each program state.
When using active devices to program the output voltage,
their state should be asserted prior to input power being
applied. An alternative is to pull pin 1 (Remote On/Off)
to -Vin (pins 2, 3) during the application of power, assert
the required program code, and then release pin 1. The
module will than initiate a soft-start power-up to the
desired program voltage.
L
O
A
D
PT4400
+V
sns
+V
out
-V
out
-V
sns
21
17 – 20
13 – 16
12
71 1
81 0
9
VID0 - VID4
+V
in
– V
in
4, 5
2, 3
1
Remote
On/Off
PROGRAMMING PINS
+V
OUT
+V
IN
– V
IN
– REMOTE SENSE
+ REMOTE SENSE
C
o
Q1
BSS138
INH
– V
OUT


Similar Part No. - PT4401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
logo
Shenzhen Jin Yu Semicon...
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
logo
Texas Instruments
PT4410 TI1-PT4410 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4411 TI1-PT4411 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
More results

Similar Description - PT4401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com