Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4401A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4401A
Description  75-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4401A Datasheet(HTML) 3 Page - Texas Instruments

  PT4401A Datasheet HTML 1Page - Texas Instruments PT4401A Datasheet HTML 2Page - Texas Instruments PT4401A Datasheet HTML 3Page - Texas Instruments PT4401A Datasheet HTML 4Page - Texas Instruments PT4401A Datasheet HTML 5Page - Texas Instruments PT4401A Datasheet HTML 6Page - Texas Instruments PT4401A Datasheet HTML 7Page - Texas Instruments PT4401A Datasheet HTML 8Page - Texas Instruments PT4401A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperature.
PT4401—48V
75-W 48-V Input Isolated
DC/DC Converter
PT4401 Characterstic Data
PT4401 Specifications (Unless otherwise stated, Ta =25°C, Vin =48V, Vo =3.3V, Co =0µF, and Io =Iomax)
PT4401
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0
20
A
Input Voltage Range
Vin
Over Io Range
36
48
75
V
Set Point Voltage Tolerance
Vo tol
±0.6 (1)
—%Vo
Temperature Variation
Regtemp
–40° >Ta > +85°C
±0.8
%Vo
Line Regulation
Regline
Over Vin range
±1
mV
Load Regulation
Regload
Over Io range
±1
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.6
±3
%Vo
–40° >Ta > +85°C
Efficiency
η
—89
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
50
mVpp
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
75
µs
∆Vtr
Vo over/undershoot
±5
%Vo
Over-Current Threshold
ITRIP
Shutdown, followed by auto-recovery
26
A
Output Over-Voltage Protection
OVP
Output shutdown and latch off
125
%Vo
Switching Frequency
ƒo
Over Vin range
300
kHz
Under-Voltage Lockout
UVLO
32
V
Remote On/Off Input
Referenced to –Vin
Input High Voltage
VIH
4.5
Open (2)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–0.3
mA
Standby Input Current
Iin standby
pins 1 & 2 connected
2
mA
Internal Input Capacitance
Cin
1.4
µF
External Output Capacitance
Cout
Between +Vo and –Vo
0
5,000
µF
Isolation Voltage
Input-output & input-case
1500
Vdc
Capacitance
Input-output
1200
pF
Resistance
Input-output
10
M
Notes:
(1) If (–)Remote Sense is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
(2) The Remote On/Off input has an internal pull-up. If it is left open-circuit the module will operate when input power is applied. A discrete MOSFET or
bipoloar transistor is recommended to control this input. The open-circuit voltage is typically 5V. See application notes for interface considerations.
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
Efficiency vs Load Current; Vin =48V (See Note A)
Output Ripple vs Load Current; Vin =48V (See Note A)
Power Dissipation vs Load Current; Vo =3.3V (See Note A)
Safe Operating Area; Vin =48V (See Note B)
50
60
70
80
90
100
0
4
8
12
16
20
Iout (A)
3.3V
2.5V
1.8V
1.5V
VOUT
0
20
40
60
80
100
0
4
8
12
16
20
Iout (A)
3.3V
2.5V
1.8V
1.5V
VOUT
0
2
4
6
8
10
12
0
4
8
12
16
20
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN


Similar Part No. - PT4401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
logo
Shenzhen Jin Yu Semicon...
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
logo
Texas Instruments
PT4410 TI1-PT4410 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4411 TI1-PT4411 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
More results

Similar Description - PT4401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com