Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L60NH3LL Datasheet(PDF) 8 Page - STMicroelectronics

Part # L60NH3LL
Description  N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L60NH3LL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L60NH3LL Datasheet HTML 4Page - STMicroelectronics L60NH3LL Datasheet HTML 5Page - STMicroelectronics L60NH3LL Datasheet HTML 6Page - STMicroelectronics L60NH3LL Datasheet HTML 7Page - STMicroelectronics L60NH3LL Datasheet HTML 8Page - STMicroelectronics L60NH3LL Datasheet HTML 9Page - STMicroelectronics L60NH3LL Datasheet HTML 10Page - STMicroelectronics L60NH3LL Datasheet HTML 11Page - STMicroelectronics L60NH3LL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STL60NH3LL
8/13
The previous curve gives the single pulse safe operating area for unclamped inductive loads
under the following conditions:
PD(AVE) =0.5*(1.3*BVDSS *IAV )
EAS(AR) =PD(AVE) *tAV
Where:
IAV is the allowable current in avalanche
PD(AVE) is the average power dissipation in avalanche (single pulse)
tAV is the time in avalanche
Figure 12. Allowable Iav vs Time in Avalanche
Figure 13.
Allowable Iav vs Time in Avalanche


Similar Part No. - L60NH3LL

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L60 VCC-L60 Datasheet
211Kb / 1P
   watertight
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
   SINGLE CHIP READ & WRITE CHANNEL
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
L60030C-1C LITTELFUSE-L60030C-1C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

Similar Description - L60NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
   N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
   N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL8NH3LL STMICROELECTRONICS-STL8NH3LL_06 Datasheet
285Kb / 12P
   N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL_07 Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com