|
| STN790A_06 |
|
||
|
STMICROELECTRONICS |
|
5 page
STN790A Electrical characteristics 5/10 Note (2) Pulsed duration = 300 µs, duty cycle ≤1.5% 2.1 Electrical characteristics (curves) ft Transition frequency IC = -50mA VCE = -5V f = 50MHz 100 MHz td tr ts tf Resistive load Delay time Rise time Storage time Fall time IC = -3A VCC = -20V IB1 = -IB2 = -60mA (see figure 7) 180 160 250 80 220 210 300 100 ns ns ns ns Table 3. Electrical characteristics Symbol Parameter Test Conditions Min. Typ. Max. Unit Figure 1. DC current gain Figure 2. DC current gain Figure 3. Collector-emitter saturation voltage Figure 4. Base-emitter saturation voltage |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STD790AT4 | Medium Current High Performance Low Voltage PNP Transistor | 1 2 3 4 5 More | STMicroelectronics |
| STD888T4 | Medium Current High Performance Low Voltage PNP Transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2STF2220 | High Gain Low Voltage PNP Power Transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2STX2220 | High Gain Low Voltage PNP Power Transistor | 1 2 3 4 5 More | STMicroelectronics |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| 2STN2540 | Low voltage fast-switching PNP power bipolar transistor | 1 2 3 4 5 More | STMicroelectronics |
| BSS76 | HIGH VOLTAGE PNP SILICON TRANSISTOR | 1 2 | Seme LAB |
| B772SS | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| 2STR2215 | Low voltage fast-switching PNP power transistor | 1 2 3 4 5 More | STMicroelectronics |
| UP1753 | HIGH CURRENT LOW V TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |