Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P270-SP21R50K Datasheet(PDF) 2 Page - Bi technologies

Part # P270-SP21R50K
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P270-SP21R50K Datasheet(HTML) 2 Page - Bi technologies

  P270-SP21R50K Datasheet HTML 1Page - Bi technologies P270-SP21R50K Datasheet HTML 2Page - Bi technologies P270-SP21R50K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model P270
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 9, 2006
page 2 of 3
BI technologies
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
2
2
2
2
Shaft Types
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
P270 (without Center Tap)
P271 (with Voltage Center Tap)
2
Contact our customer service for custom designs and features.
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
P270
P270
P270
P270 –
– S P 2 2 R100K
S P 2 2 R100K
S P 2 2 R100K
S P 2 2 R100K
Model Series
Total Resistance
Shaft Type: see below
Bushing Length (M)
1= .250”
2 =.375”
3 = .500”
Shaft Length (L)
1 = .625”
2 = .875”
3 = 1.000”
4 = 2.000”
Seal Type
S = Sealed
D = Dust proof
(CT)


Similar Part No. - P270-SP21R50K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P270-SF22R5K ETC2-P270-SF22R5K Datasheet
157Kb / 4P
   27mm Rotary Potentiometer
More results

Similar Description - P270-SP21R50K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270_14 Datasheet
158Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P270 BITECH-P270_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P272 BITECH-P272_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
P271 BITECH-P271_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
logo
Bi technologies
P233 BITECH-P233 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
C-Media Electronics
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com