Electronic Components Datasheet Search |
|
FTR-H1CD005V Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
FTR-H1CD005V Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 8 page 3 FTR-H1 SERIES Item Standard Type Sensitive TV-5 Rating Type Contact Arrangement 1 form A (SPST-NO), 1 form C (SPDT) 1 form A (SPST-NO) Material Gold plate silver alloy Style Single Resistance (initial) Maximum 100 m (at 1 A 6 VDC) Rating (Resistive) 10 A 250 VAC/30 VDC Maximum Carrying Current 14 A Maximum Switching Rating 2,500 VA/300 W Maximum Switching Voltage 400 VAC 300 VDC Maximum Switching Current 10 A Minimum Switching Load*1 10 mA 5 VDC Maximum Inrush Current — 78 A 120 VAC (at lamp load) Coil Operating Range 80 to 110 % × V nominal Nominal Power (at 20°C) 0.53 W 0.4W 0.53 W Operate Power (at 20°C) 0.26 W 0.225W 0.26W Operating Temperature –40°C to +75°C (no frost) (refer to the CHARACTERISTIC DATA) Time Value Operate (at nominal voltage) Maximum 10 ms Release (at nominal voltage) Maximum 5 ms Insulation Resistance (at 500 VDC) Minimum 1,000 M Dielectric Between open contacts 1,000 VAC 1 minute Strength Between coil and contacts*2 5,000 VAC 1 minute Surge Strength*3 10,000 V (at 1.2 x 50 µs) Life Mechanical 2 × 107 operations minimum Electrical Contact Rating 1 × 105 operations minimum Lamp Load — Other Vibration Misoperation 10 to 55 Hz (double amplitude of 1.65 mm) Resistance Endurance 10 to 55 Hz (double amplitude of 3.3 mm) Shock Misoperation 100 m/s 2 (11 ±1 ms) Resistance Endurance 1,000 m/s 2 (6 ±1 ms) Weight Approximately 12 g *1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and ex- pected reliability levels. *2 IMQ *3 IMQ n SPECIFICATIONS Ω Ω 2.5 x 104 ops. minimum |
Similar Part No. - FTR-H1CD005V |
|
Similar Description - FTR-H1CD005V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |