Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89583B Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89583B
Description  8-bit Proprietary Microcontrollers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89583B Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89583B Datasheet HTML 3Page - Fujitsu Component Limited. MB89583B Datasheet HTML 4Page - Fujitsu Component Limited. MB89583B Datasheet HTML 5Page - Fujitsu Component Limited. MB89583B Datasheet HTML 6Page - Fujitsu Component Limited. MB89583B Datasheet HTML 7Page - Fujitsu Component Limited. MB89583B Datasheet HTML 8Page - Fujitsu Component Limited. MB89583B Datasheet HTML 9Page - Fujitsu Component Limited. MB89583B Datasheet HTML 10Page - Fujitsu Component Limited. MB89583B Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
MB89580B/580BW series
7
(Continued)
Pin No.
Pin name
Circuit
type
Function
14
VSS
Power supply pin (GND)
15
P51/R
B
General-purpose CMOS I/O pin.
This pin also serves the IN FIFO data strobe pin.
16
P52/EFX
K
General-purpose Nch open drain I/O pin.
This pin also serves as the IN FIFO data enable input pin.
17
P53/A0/FFX
K
General-purpose Nch open drain I/O pin.
Parallel interface’s data select input
This pin also serves as the OUT FIFO data enable input pin.
18
P54/CEX
K
General-purpose Nch open drain I/O pin.
This pin also serves as the parallel interface device select input pin.
19
RST
I
Reset pin. (Reset on the negative logic low level.)
20
MOD0
F
An operating mode designation pin. Connect directly to Vss.
21
MOD1
F
An operating mode designation pin. Connect directly to Vss.
22
X0
A
Pins for the connection of crystal oscillatoion circuit (6 MHz)
23
X1
24
VSS
Power supply pin (GND)
25
P27
B
General-purpose CMOS output pin
26
P26
B
General-purpose CMOS output pin
27
P25
B
General-purpose CMOS output pin
28
P24
B
General-purpose CMOS output pin
29
P23
B
General-purpose CMOS output pin
30
P22
B
General-purpose CMOS output pin
31
P21
B
General-purpose CMOS output pin
32
P20
B
General-purpose CMOS output pin
33
P17
B
General-purpose CMOS I/O pin
34
P16
B
General-purpose CMOS I/O pin
35
P15
B
General-purpose CMOS I/O pin
36
P14
B
General-purpose CMOS I/O pin
37
P13
B
General-purpose CMOS I/O pin
38
P12
B
General-purpose CMOS I/O pin
39
P11
B
General-purpose CMOS I/O pin
40
P10
B
General-purpose CMOS I/O pin
41
P07
B
General-purpose CMOS I/O pin
42
P06
B
General-purpose CMOS I/O pin
43
P05
B
General-purpose CMOS I/O pin
44
P04
B
General-purpose CMOS I/O pin


Similar Part No. - MB89583B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BPFV FUJITSU-MB89583BPFV Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BW FUJITSU-MB89583BW Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BWPFV FUJITSU-MB89583BWPFV Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89583B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com