Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSJ100NH3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSJ100NH3LL
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ100NH3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STSJ100NH3LL Datasheet HTML 1Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 2Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 3Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 4Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 5Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 6Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 7Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 8Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STSJ100NH3LL
4/11
Figure 3: Safe Operating Area
Figure 4: Output Characteristics
Figure 5: Transconductance
Figure 6: Thermal Impedance
Figure 7: Transfer Characteristics
Figure 8: Static Drain-source On Resistance


Similar Part No. - STSJ100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
More results

Similar Description - STSJ100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
   N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
   N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET??III MOSFET FOR DC-DC CONVERSION
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STSJ60NH3LL STMICROELECTRONICS-STSJ60NH3LL Datasheet
283Kb / 12P
   N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STSJ80N4LLF3 STMICROELECTRONICS-STSJ80N4LLF3 Datasheet
298Kb / 12P
   N-channel 40V - 0.0042廓 - 18A - PowerSO-8??STripFET?줚II Power MOSFET for DC-DC conversion
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
   N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET??II MOSFET FOR DC-DC CONVERSION
STB70NH03L STMICROELECTRONICS-STB70NH03L Datasheet
466Kb / 15P
   N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com